Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHASURGESUPP Datasheet (PDF) - Vishay Siliconix

PHASURGESUPP Datasheet PDF - Vishay Siliconix
Part # PHASURGESUPP
Download  PHASURGESUPP Download
File Size   147.55 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surge Suppressor Capacitors, Single Phase Units, All-Film Technology up to 36 kV

PHASURGESUPP Datasheet (PDF)

Go To PDF Page Download Datasheet
PHASURGESUPP Datasheet PDF - Vishay Siliconix

Part # PHASURGESUPP
Download  PHASURGESUPP Click to download

File Size   147.55 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surge Suppressor Capacitors, Single Phase Units, All-Film Technology up to 36 kV

PHASURGESUPP Datasheet (HTML) - Vishay Siliconix


PHASURGESUPP Product details

FEATURES
• Latest technology
• Dielectric liquid biodegradable
• High quality materials
• Damping resistor from 10 Ω to 50 Ω




Similar Part No. - PHASURGESUPP

ManufacturerPart #DatasheetDescription
logo
C&K Components
PHA CK-COMPONENTS-PHA Datasheet
234Kb / 4P
Short Stroke Pushbutton Switches
logo
Mini-Circuits
PHA-1 MINI-PHA-1 Datasheet
330Kb / 5P
Monolithic Amplifier
PHA-1+ MINI-PHA-1+ Datasheet
165Kb / 1P
Monolithic Amplifier
PHA-1+ MINI-PHA-1+ Datasheet
330Kb / 5P
Monolithic Amplifier
PHA-1+ MINI-PHA-1+ Datasheet
377Kb / 1P
Monolithic Amplifiers
REV. OR
More results


Similar Description - PHASURGESUPP

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JQW013A0AZ LINEAGEPOWER-JQW013A0AZ Datasheet
287Kb / 15P
36 to 75 Vdc Input; Single Output up to 25A
logo
Protek Devices
PP0640SA PROTEC-PP0640SA_11 Datasheet
807Kb / 9P
THYRISTOR SURGE SUPPRESSOR
logo
Nel Frequency Controls,...
HA-160 NEL-HA-160 Datasheet
61Kb / 2P
All units are resistance All units are resistance
logo
Vishay Siliconix
HTS VISHAY-HTS Datasheet
91Kb / 3P
High Ohmic Values (up to 100 G ohm), High Voltage Resistors (up to 50 kV) Thick Film Technology
01-Aug-13
HVR25 VISHAY-HVR25 Datasheet
132Kb / 7P
High Ohmic (up to 10 Mohm)/High Voltage (up to 3.5 kV) Metal Film Leaded Resistors
26-May-14
RCVE3 VISHAY-RCVE3 Datasheet
96Kb / 5P
High Voltage (up to 0.5 kV) Thick Film Chip Resistors
27-Mar-13
logo
TT Electronics.
4530 TTELEC-4530 Datasheet
269Kb / 2P
voltage up to 15 kv dc
logo
AVX Corporation
CL057K0682 AVX-CL057K0682 Datasheet
262Kb / 4P
High Surge Voltage SMD Film Capacitors
logo
Vishay Siliconix
RCVAT-E3 VISHAY-RCVAT-E3 Datasheet
119Kb / 7P
High Voltage (Up to 3 kV) Thick Film Chip Resistors
25-Jun-2020
RCV-ATE3 VISHAY-RCV-ATE3 Datasheet
127Kb / 7P
High Voltage (Up to 3 kV) Thick Film Chip Resistors
05-Jul-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com