Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT2BL Datasheet (PDF) - Infineon Technologies AG

CYT2BL Datasheet PDF - Infineon Technologies AG
Part # CYT2BL
Download  CYT2BL Download
File Size   1474.92 Kbytes
Page   168 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M4F-single

CYT2BL Datasheet (PDF)

Go To PDF Page Download Datasheet
CYT2BL Datasheet PDF - Infineon Technologies AG

Part # CYT2BL
Download  CYT2BL Click to download

File Size   1474.92 Kbytes
Page   168 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M4F-single

CYT2BL Datasheet (HTML) - Infineon Technologies AG


CYT2BL Product details

General description
CYT2BL is a family of TRAVEO™ T2G microcontrollers targeted at automotive systems such as body control units.
CYT2BL has an Arm® Cortex®-M4 CPU for primary processing, and an Arm® Cortex®-M0+ CPU for peripheral and
security processing. These devices contain embedded peripherals supporting Controller Area Network with
Flexible Data rate (CAN FD), Local Interconnect Network (LIN), and Clock Extension Peripheral Interface (CXPI).
TRAVEO™ T2G devices are manufactured on an advanced 40-nm process. CYT2BL incorporates a low-power flash
memory, multiple high-performance analog and digital peripherals, and enables the creation of a secure
computing platform.

Features
• Dual CPU subsystem
- 160-MHz (max) 32-bit Arm® Cortex®-M4F CPU with
• Single-cycle multiply
• Single-precision floating point unit (FPU)
• Memory protection unit (MPU)
- 100-MHz (max) 32-bit Arm® Cortex® M0+ CPU with
• Single-cycle multiply
• Memory protection unit
- Inter-processor communication in hardware
- Three DMA controllers
• Peripheral DMA controller #0 (P-DMA0) with 92 channels
• Peripheral DMA controller #1 (P-DMA1) with 44 channels
• Memory DMA controller #0 (M-DMA0) with 4 channels
• Integrated memories
- 4160 KB of code-flash with an additional 128 KB of work-flash
• Read-While-Write (RWW) allows updating the code-flash/work-flash while executing code from it
• Single- and dual-bank modes (specifically for Firmware update Over The Air [FOTA])
• Flash programming through SWD/JTAG interface
- 512 KB of SRAM with selectable retention granularity
• Crypto engine[1]
- Supports enhanced Secure Hardware Extension (eSHE) and Hardware Security Module (HSM)
- Secure boot and authentication
• Using digital signature verification
• Using fast secure boot
- AES: 128-bit blocks, 128-/192-/256-bit keys
- 3DES[2]: 64-bit blocks, 64-bit key
- Vector unit[2] supporting asymmetric key cryptography such as Rivest-Shamir-Adleman (RSA) and Elliptic
Curve (ECC)
- SHA-1/2/3[2]: SHA-512, SHA-256, SHA-160 with variable length input data
- CRC[2]: supports CCITT CRC16 and IEEE-802.3 CRC32
- True random number generator (TRNG) and pseudo random number generator (PRNG)
- Galois/Counter Mode (GCM)
• Functional safety for ASIL-B
- Memory protection unit (MPU)
- Shared memory protection unit (SMPU)
- Peripheral protection unit (PPU)
- Watchdog timer (WDT)
- Multi-counter watchdog timer (MCWDT)
- Low-voltage detector (LVD)
- Brown-out detector (BOD)
- Overvoltage detection (OVD)
- Clock supervisor (CSV)
- Hardware error correction (SECDED ECC) on all safety-critical memories (SRAM, flash)
• Low-power 2.7-V to 5.5-V operation
- Low-power Active, Sleep, Low-power Sleep, DeepSleep, and Hibernate modes for fine-grained power
management
- Configurable options for robust BOD
• Two threshold levels (2.7 V and 3.0 V) for BOD on VDDD and VDDA
• One threshold level (1.1 V) for BOD on VCCD
• Wakeup support
- Up to two pins to wakeup from Hibernate mode
- Up to 152 GPIO pins to wakeup from Sleep modes
- Event Generator, SCB, Watchdog Timer, RTC alarms to wake from DeepSleep modes
• Clock sources
- Internal main oscillator (IMO)
- Internal low-speed oscillator (ILO)
- External crystal oscillator (ECO)
- Watch crystal oscillator (WCO)
- Phase-locked loop (PLL)
- Frequency-locked loop (FLL)
• Communication interfaces
- Up to eight CAN FD channels
• Increased data rate (up to 8 Mbps) compared to classic CAN, limited by physical layer topology and
transceivers
• Compliant to ISO 11898-1:2015
• Supports all the requirements of Bosch CAN FD Specification V1.0 for non-ISO CAN FD
• ISO 16845:2015 certificate available
- Up to eight runtime-reconfigurable SCB (serial communication block) channels, each configurable as I2C, SPI,
or UART
- Up to 12 independent LIN channels
• LIN protocol compliant with ISO 17987
- Up to four CXPI channels with data rate up to 20 kbps
• Timers
- Up to 75 16-bit and eight 32-bit timer/counter pulse-width modulator (TCPWM) blocks
• Up to 12 16-bit counters for motor control
• Up to 63 16-bit counters and eight 32-bit counters for regular operations
• Supports timer, capture, quadrature decoding, pulse-width modulation (PWM), PWM with dead time (PWM_
DT), pseudo-random PWM (PWM_PR), and shift-register (SR) modes
- Up to 11 Event Generation (EVTGEN) timers supporting cyclic wakeup from DeepSleep
• Events trigger a specific device operation (such as execution of an interrupt handler, a SAR ADC conversion,
and so on)
• Real time clock (RTC)
- Year/month/date, day-of-week, Hour:Minute:Second fields
- Supports both 12- and 24-hour formats
- Automatic leap-year correction
• I/O
- Up to 152 programmable I/Os
- Two I/O types
• GPIO Standard (GPIO_STD)
• GPIO Enhanced (GPIO_ENH)
• Regulators
- Generates 1.1-V nominal core supply from a 2.7-V to 5.5-V input supply
- Two types of regulators
• DeepSleep
• Core internal
• Programmable analog
- Three SAR A/D converters with up to 67 external channels (64 I/Os + 3 I/Os for motor control)
• ADC0 supports 24 logical channels, with 24 + 1 physical connections
• ADC1 supports 32 logical channels, with 32 + 1 physical connections
• ADC2 supports 8 logical channels, with 8 + 1 physical connections
• Any external channel can be connected to any logical channel in the respective SAR
- Each ADC supports 12-bit resolution and sampling rates of up to 1 Msps
- Each ADC also supports up to six internal analog inputs such as:
• Bandgap reference to establish absolute voltage levels
• Calibrated diode for junction temperature calculations
• Two AMUXBUS inputs and two direct connections to monitor supply levels
- Each ADC supports addressing of external multiplexers
- Each ADC has a sequencer supporting autonomous scanning of configured channels
- Synchronized sampling of all ADCs for motor-sense applications
• Smart I/O
- Up to five Smart I/O blocks, which can perform Boolean operations on signals going to and from I/Os
- Up to 36 I/Os (GPIO_STD) supported
• Debug interface
- JTAG controller and interface compliant to IEEE-1149.1-2001
- Arm® serial wire debug (SWD) port
- Supports Arm® Embedded Trace Macrocell (ETM) Trace
• Data trace using SWD
• Instruction and data trace using JTAG
• Compatible with industry-standard tools
- GHS/MULTI or IAR EWARM for code development and debugging
• Packages
- 64-LQFP, 10 × 10 × 1.7 mm (max), 0.5-mm lead pitch
- 80-LQFP, 12 × 12 × 1.7 mm (max). 0.5-mm lead pitch
- 100-LQFP, 14 × 14 × 1.7 mm (max), 0.5-mm lead pitch
- 144-LQFP, 20 × 20 × 1.7 mm (max), 0.5-mm lead pitch
- 176-LQFP, 24 × 24 × 1.7 mm (max), 0.5-mm lead pitch




Similar Part No. - CYT2BL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CYT2B6 INFINEON-CYT2B6 Datasheet
1Mb / 162P
TRAVEO T2G 32-bit Automotive MCU
2022-10-07
CYT2B63BADQ0AZEGS INFINEON-CYT2B63BADQ0AZEGS Datasheet
1Mb / 162P
TRAVEO T2G 32-bit Automotive MCU
2022-10-07
CYT2B7 INFINEON-CYT2B7 Datasheet
2Mb / 167P
TRAVEO™ T2G 32-bit Automotive MCU
2023-07-12
CYT2B73BADQ0AZEGS INFINEON-CYT2B73BADQ0AZEGS Datasheet
2Mb / 167P
TRAVEO™ T2G 32-bit Automotive MCU
2023-07-12
CYT2B73BADQ0AZSGS INFINEON-CYT2B73BADQ0AZSGS Datasheet
2Mb / 167P
TRAVEO™ T2G 32-bit Automotive MCU
2023-07-12
More results


Similar Description - CYT2BL

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6E2H4 CYPRESS-S6E2H4 Datasheet
4Mb / 160P
32-bit ARM Cortex-M4F
logo
NXP Semiconductors
LPC84X NXP-LPC84X Datasheet
2Mb / 97P
32-bit Arm® Cortex®-M0 microcontroller;
Rev. 1.7-27 February 2018
logo
Infineon Technologies A...
CYT4BF INFINEON-CYT4BF Datasheet
2Mb / 217P
TRAVEO??T2G 32-bit Automotive MCU
Rev. *J 2022-02-18
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21 Datasheet
8Mb / 212P
Arm® Cortex®-M 32-bit Microcontroller
M480 NUVOTON-M480_V01 Datasheet
10Mb / 473P
Arm® Cortex®-M 32-bit Microcontroller
Rev 2.00
logo
Infineon Technologies A...
XMC4100 INFINEON-XMC4100_V01 Datasheet
2Mb / 93P
ARM® Cortex®-M4 32-bit processor core
V1.4 2018-09
CYT3DL INFINEON-CYT3DL Datasheet
3Mb / 207P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 single
Rev. H 2023-03-03
CYT4DN INFINEON-CYT4DN Datasheet
4Mb / 209P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
Rev. I 2023-02-14
CYT2CL INFINEON-CYT2CL Datasheet
1Mb / 174P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M4F single
Rev. F 2022-10-20
CYT2B7 INFINEON-CYT2B7 Datasheet
2Mb / 167P
TRAVEO™ T2G 32-bit Automotive MCU
2023-07-12
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com