Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT2CL Datasheet (PDF) - Infineon Technologies AG

CYT2CL Datasheet PDF - Infineon Technologies AG
Part # CYT2CL
Download  CYT2CL Download
File Size   1772.41 Kbytes
Page   174 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M4F single

CYT2CL Datasheet (PDF)

Go To PDF Page Download Datasheet
CYT2CL Datasheet PDF - Infineon Technologies AG

Part # CYT2CL
Download  CYT2CL Click to download

File Size   1772.41 Kbytes
Page   174 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M4F single

CYT2CL Datasheet (HTML) - Infineon Technologies AG


CYT2CL Product details

Features
• Dual CPU subsystem
- 160-MHz (max) 32-bit Arm® Cortex®-M4F CPU with
• Single-cycle multiply
• Single-precision floating point unit (FPU)
• Memory protection unit (MPU)
- 100-MHz (max) 32-bit Arm® Cortex®-M0+ CPU with
• Single-cycle multiply
• Memory protection unit
- Inter-processor communication in hardware
- Three DMA controllers
• Peripheral DMA controller #0 (P-DMA0) with 76 channels
• Peripheral DMA controller #1 (P-DMA1) with 84 channels
• Memory DMA controller #0 (M-DMA0) with 4 channels
• Integrated memories
- Up to 4160 KB of code-flash with an additional 128 KB of work-flash
• Read-While-Write (RWW) allows updating the code-flash/work-flash while executing code from it
• Single- and dual-bank modes (specifically for Firmware update Over The Air [FOTA])
• Flash programming through SWD/JTAG interface
- Up to 512 KB of SRAM with selectable retention granularity
• Crypto engine[1]
- Supports Enhanced Secure Hardware Extension (eSHE) and Hardware Security Module (HSM)
- Secure boot and authentication
• Using digital signature verification
• Using fast secure boot
- AES: 128-bit blocks, 128-/192-/256-bit keys
- 3DES: 64-bit blocks, 64-bit key
- Vector unit supporting asymmetric key cryptography such as Rivest-Shamir-Adleman (RSA) and Elliptic Curve
(ECC)
- SHA-1/2/3: SHA-512, SHA-256, SHA-160 with variable length input data
- CRC: supports CCITT CRC16 and IEEE-802.3 CRC32
- True random number generator (TRNG) and pseudo random number generator (PRNG)
- Galois/Counter Mode (GCM)
• Functional safety for ASIL-B
- Memory protection unit (MPU)
- Shared memory protection unit (SMPU)
- Peripheral protection unit (PPU)
- Watchdog timer (WDT)
- Multi-counter watchdog timer (MCWDT)
- Low-voltage detector (LVD)
- Brown-out detector (BOD)
- Overvoltage detection (OVD)
- Clock supervisor (CSV)
• Supported in all power modes
- Hardware error correction (SECDED ECC) on all safety-critical memories (SRAM, flash)
• Low-power 2.7-V to 5.5-V operation
- Low-power Active, Sleep, Low-power Sleep, DeepSleep, and Hibernate modes for fine-grained power
management
- Configurable options for robust BOD
• Two threshold levels (2.7 V and 3.0 V) for BOD on VDDD and VDDA_ADC
• One threshold level (1.1 V) for BOD on VCCD
• Wakeup support
- Up to four pins to wakeup from Hibernate mode
- Wakeup recognition bit for each wakeup source
- Up to 128 GPIO pins to wakeup from Sleep modes
- Event Generator, SCB, Watchdog Timer, RTC alarms to wake from DeepSleep modes
• Clock sources
- Internal main oscillator (IMO)
- Internal low-speed oscillator (ILO)
- External crystal oscillator (ECO)
- Watch crystal oscillator (WCO)
- Phase-locked loop (PLL)
- Frequency-locked loop (FLL)
- Low-power external crystal oscillator (LPECO)
• LCD controller
- Up to four LCD controllers, with 32 segments (SEG) and four commons (COM)
- Supports both Type A (standard) and Type B (low-power) drive waveforms
- Three drive modes
• PWM drive at 1/2 bias
• PWM drive at 1/3 bias
• Digital correlation
- Operates in ACTIVE, SLEEP, and DeepSleep power modes
- Digital contrast control
• Sound subsystem
- Two time-division multiplexing (TDM) interfaces
- Two pulse-code modulation-pulse width modulation (PCM-PWM) interfaces
- Up to five sound generator (SG) interfaces
- One PCM Audio stream mixer with five input streams
• Communication interfaces
- Up to four CAN FD channels
• Increased data rate (up to 8 Mbps) compared to classic CAN, limited by physical layer topology and
transceivers
• Compliant to ISO 11898-1:2015
• Supports all the requirements of Bosch CAN FD Specification V1.0 for non-ISO CAN FD
• ISO 16845:2015 certificate available
- Up to 12 runtime-reconfigurable SCB (serial communication block) channels, each configurable as I2C, SPI,
or UART
- Up to two independent LIN channels
• LIN protocol compliant with ISO 17987
- Up to two CXPI channels with data rate up to 20 kbps
• Serial memory interface (SMIF)
- One SPI (single, dual, quad, or octal), xSPI interface
- On-the-fly encryption and decryption
- Execute-In-Place (XIP) from external memory
• Timers
- Up to 46 16-bit and 16 32-bit timer/counter pulse-width modulator (TCPWM) blocks for regular operations
• Up to 12 16-bit counters optimized for motor-control operations (Equivalent to 6 stepper motor-control
[SMC] channels with ZPD and slew rate control capability)
• Supports timer, capture, quadrature decoding, pulse-width modulation (PWM), PWM with dead time (PWM_
DT), pseudo-random PWM (PWM_PR), and shift-register (SR) modes
- Up to 16 Event Generation (EVTGEN) timers supporting cyclic wakeup from DeepSleep
• Events trigger a specific device operation (such as execution of an interrupt handler, a SAR ADC conversion,
and so on)
• Real time clock (RTC)
- Year/Month/Date, Day-of-week, Hour:Minute:Second fields
- Supports both 12- and 24-hour formats
- Automatic leap-year correction
• I/O
- Up to 140 Programmable I/Os
- Two I/O types
• GPIO Standard (GPIO_STD)
• GPIO Enhanced (GPIO_ENH)
• GPIO Stepper Motor Control (GPIO_SMC)
• High-Speed I/O Standard with Low Noise (HSIO_STDLN)
• Regulators
- Generates 1.1-V nominal core supply from a 2.7-V to 5.5-V input supply
- Two types of regulators
• DeepSleep
• Core internal
• Programmable analog
- One SAR A/D converter
• Each ADC supports 32 logical channels, with 48 external channels. Any external channel can be connected
to any logical channel in the SAR.
• 12-bit resolution and sampling rates up to 1 Msps
- The ADC also supports six internal analog inputs like:
• Bandgap reference to establish absolute voltage levels
• Calibrated diode for junction temperature calculations
• Two AMUXBUS inputs and two direct connections to monitor supply levels
- ADC supports addressing of external multiplexers
- ADC has a sequencer supporting autonomous scanning of configured channels
• Smart I/O
- One smart I/O block, which can perform Boolean operations on signals going to and from I/Os
- Up to eight I/Os (GPIO_STD) supported
• Debug interface
- JTAG controller and interface compliant to IEEE-1149.1-2001
- Arm® SWD (serial wire debug) port
- Supports Arm® Embedded Trace Macrocell (ETM) Trace
• Data trace using SWD
• Instruction and data trace using JTAG
• Compatible with industry-standard tools
- GHS/MULTI or IAR EWARM for code development and debugging
• Packages
- 144-LQFP, 16 × 16 × 1.7 mm (max), 0.4-mm lead pitch
- 144-LQFP, 20 × 20 × 1.7 mm (max), 0.5-mm lead pitch
- 176-LQFP, 24 × 24 × 1.7 mm (max), 0.5-mm lead pitch




Similar Part No. - CYT2CL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CYT2506 ETC-CYT2506 Datasheet
1Mb / 2P
White LED Step-Up Converter
CYT2606E20E ETC2-CYT2606E20E Datasheet
473Kb / 8P
PFM Step-Up DC-DC Converter
CYT2606E20F ETC2-CYT2606E20F Datasheet
473Kb / 8P
PFM Step-Up DC-DC Converter
CYT2606E20T ETC2-CYT2606E20T Datasheet
473Kb / 8P
PFM Step-Up DC-DC Converter
CYT2606E21E ETC2-CYT2606E21E Datasheet
473Kb / 8P
PFM Step-Up DC-DC Converter
More results


Similar Description - CYT2CL

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6E2H4 CYPRESS-S6E2H4 Datasheet
4Mb / 160P
32-bit ARM Cortex-M4F
logo
NXP Semiconductors
LPC84X NXP-LPC84X Datasheet
2Mb / 97P
32-bit Arm® Cortex®-M0 microcontroller;
Rev. 1.7-27 February 2018
logo
Infineon Technologies A...
CYT4BF INFINEON-CYT4BF Datasheet
2Mb / 217P
TRAVEO??T2G 32-bit Automotive MCU
Rev. *J 2022-02-18
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21 Datasheet
8Mb / 212P
Arm® Cortex®-M 32-bit Microcontroller
M480 NUVOTON-M480_V01 Datasheet
10Mb / 473P
Arm® Cortex®-M 32-bit Microcontroller
Rev 2.00
logo
Infineon Technologies A...
CYT2BL INFINEON-CYT2BL Datasheet
1Mb / 168P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M4F-single
Rev. E 2022-02-16
XMC4100 INFINEON-XMC4100_V01 Datasheet
2Mb / 93P
ARM® Cortex®-M4 32-bit processor core
V1.4 2018-09
CYT3DL INFINEON-CYT3DL Datasheet
3Mb / 207P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 single
Rev. H 2023-03-03
CYT4DN INFINEON-CYT4DN Datasheet
4Mb / 209P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
Rev. I 2023-02-14
CYT2B7 INFINEON-CYT2B7 Datasheet
2Mb / 167P
TRAVEO™ T2G 32-bit Automotive MCU
2023-07-12
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com