Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT2CL Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # CYT2CL
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M4F single
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT2CL Datasheet(HTML) 2 Page - Infineon Technologies AG

  CYT2CL Datasheet HTML 1Page - Infineon Technologies AG CYT2CL Datasheet HTML 2Page - Infineon Technologies AG CYT2CL Datasheet HTML 3Page - Infineon Technologies AG CYT2CL Datasheet HTML 4Page - Infineon Technologies AG CYT2CL Datasheet HTML 5Page - Infineon Technologies AG CYT2CL Datasheet HTML 6Page - Infineon Technologies AG CYT2CL Datasheet HTML 7Page - Infineon Technologies AG CYT2CL Datasheet HTML 8Page - Infineon Technologies AG CYT2CL Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 174 page
background image
Datasheet
2
002-32508 Rev. *F
2022-10-20
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M4F single
Features
• Functional safety for ASIL-B
- Memory protection unit (MPU)
- Shared memory protection unit (SMPU)
- Peripheral protection unit (PPU)
-Watchdog timer (WDT)
- Multi-counter watchdog timer (MCWDT)
-Low-voltage detector (LVD)
-Brown-out detector (BOD)
-Overvoltage detection (OVD)
-Clock supervisor (CSV)
• Supported in all power modes
- Hardware error correction (SECDED ECC) on all safety-critical memories (SRAM, flash)
• Low-power 2.7-V to 5.5-V operation
- Low-power Active, Sleep, Low-power Sleep, DeepSleep, and Hibernate modes for fine-grained power
management
- Configurable options for robust BOD
• Two threshold levels (2.7 V and 3.0 V) for BOD on VDDD and VDDA_ADC
• One threshold level (1.1 V) for BOD on VCCD
• Wakeup support
- Up to four pins to wakeup from Hibernate mode
- Wakeup recognition bit for each wakeup source
- Up to 128 GPIO pins to wakeup from Sleep modes
- Event Generator, SCB, Watchdog Timer, RTC alarms to wake from DeepSleep modes
• Clock sources
- Internal main oscillator (IMO)
- Internal low-speed oscillator (ILO)
- External crystal oscillator (ECO)
- Watch crystal oscillator (WCO)
- Phase-locked loop (PLL)
- Frequency-locked loop (FLL)
- Low-power external crystal oscillator (LPECO)
• LCD controller
- Up to four LCD controllers, with 32 segments (SEG) and four commons (COM)
- Supports both Type A (standard) and Type B (low-power) drive waveforms
- Three drive modes
• PWM drive at 1/2 bias
• PWM drive at 1/3 bias
• Digital correlation
- Operates in ACTIVE, SLEEP, and DeepSleep power modes
- Digital contrast control
• Sound subsystem
- Two time-division multiplexing (TDM) interfaces
- Two pulse-code modulation-pulse width modulation (PCM-PWM) interfaces
- Up to five sound generator (SG) interfaces
- One PCM Audio stream mixer with five input streams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com