Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT2CL Datasheet(PDF) 89 Page - Infineon Technologies AG

Part # CYT2CL
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M4F single
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT2CL Datasheet(HTML) 89 Page - Infineon Technologies AG

Back Button CYT2CL Datasheet HTML 85Page - Infineon Technologies AG CYT2CL Datasheet HTML 86Page - Infineon Technologies AG CYT2CL Datasheet HTML 87Page - Infineon Technologies AG CYT2CL Datasheet HTML 88Page - Infineon Technologies AG CYT2CL Datasheet HTML 89Page - Infineon Technologies AG CYT2CL Datasheet HTML 90Page - Infineon Technologies AG CYT2CL Datasheet HTML 91Page - Infineon Technologies AG CYT2CL Datasheet HTML 92Page - Infineon Technologies AG CYT2CL Datasheet HTML 93Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 174 page
background image
Datasheet
89
002-32508 Rev. *F
2022-10-20
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M4F single
Electrical specifications
SID20
IOL1_GPIO_ABS
LOW-level maximum output current
for GPIO[40]
–
–
3.5
mA
Setting is 1 mA
SID21
IOL2_GPIO_ABS
LOW-level maximum output current
for GPIO[40]
–
–
7
mA
Setting is 2 mA
SID22
IOL3_GPIO_ABS
LOW-level maximum output current
for GPIO[40]
–
–
10
mA
Setting is 5 mA
SID22A
IOL4_GPIO_ABS
LOW-level maximum output current
for GPIO[40]
–
–
10
mA
Setting is 6 mA
SID26
∑IOL_GPIO_ABS
LOW-level total output current for
GPIO[41]
–
–
50
mA
SID26A
IOL_SMC_ABS
LOW-level maximum output current
for SMC[42]
–
–
52
mA
Setting is 30 mA at –40°C
SID26B
∑IOL_SMC_ABS
LOW-level total output current for
SMC[43]
–
–
300
mA
25°C < TA ≤ 105°C
SID26I
∑IOL_SMC_ABS
LOW-level total output current for
GPIO_SMC[43]
–
–
450
mA
–40°C ≤ TA ≤ 25°C
SID26G
IOL_HSIO_ABS
LOW-level maximum output current
for HSIO[44]
––
15
mA
SID26H
∑IOL_HSIO_ABS
LOW-level total output current for
HSIO[45]
–
–
150
mA
SID27
IOH1_GPIO_ABS
HIGH-level maximum output current
for GPIO[40]
–
–
–3.5
mA
Setting is 1 mA
SID28
IOH2_GPIO_ABS
HIGH-level maximum output current
for GPIO[40]
–
–
–7
mA
Setting is 2 mA
SID29
IOH3_GPIO_ABS
HIGH-level maximum output current
for GPIO[40]
–
–
–10
mA
Setting is 5 mA
SID29A
IOH3_GPIO_ABS
HIGH-level maximum output current
for GPIO[40]
–
–
–10
mA
Setting is 6 mA
SID33
∑IOH1_GPIO_ABS
HIGH-level total output current for
GPIO[41]
––
–50
mA
SID33A
IOH_SMC_ABS
HIGH-level maximum output current
for SMC[42]
–
–
–52
mA
Setting is 30 mA at –40 °C
SID33B
∑IOH_SMC_ABS
HIGH-level total output current for
SMC[43]
–
–
–300
mA
SID33G
IOH_HSIO_ABS
HIGH-level maximum output current
for HSIO[44]
––
–15
mA
SID33H
∑IOH_HSIO_ABS
HIGH-level total output current for
HSIO[45]
–
–
–150
mA
SID34_3
PD
Power dissipation
–
–
1800
mW
SID36
TA
Operating ambient temperature
–40
–
105
°C
For S-grade devices
SID38
TSTG
Storage temperature
–55
–
150
°C
SID39
TJ
Operating junction temperature
–40
–
150
°C
SID39A
VESD_HBM
Electrostatic discharge human body
model
2000
–
–
V
SID39B1
VESD_CDM1
Electrostatic discharge charged
device model for corner pins
750
–
–
V
SID39B2
VESD_CDM2
Electrostatic discharge charged
device model for all other pins
500
–
–
V
SID39C
ILU
The maximum pin current the device
can tolerate before triggering a
latch-up
–100
–
100
mA
Table 27-1
Absolute maximum ratings (continued)
Spec ID Parameter
Description
Min
Typ
Max
Units
Details/
conditions
Notes
40.The maximum output current is the peak current flowing through any one GPIO I/O.
41.The total output current is the maximum current flowing through all GPIO I/Os (GPIO_STD, and GPIO_ENH).
42.The maximum output current is the peak current flowing through any one SMC I/O.
43.The total output current is the maximum current flowing through all SMC I/Os (GPIO_SMC).
44.The maximum output current is the peak current flowing through any one HSIO I/O.
45.The total output current is the maximum current flowing through all HSIO I/Os (HSIO_STDLN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com