Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1847356 Datasheet (PDF) - PHOENIX CONTACT

1847356 Datasheet PDF - PHOENIX CONTACT
Part # 1847356
Download  1847356 Download
File Size   425.76 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MC 1,5/ 2-STF-5,08

1847356 Datasheet (PDF)

Go To PDF Page Download Datasheet
1847356 Datasheet PDF - PHOENIX CONTACT

Part # 1847356
Download  1847356 Click to download

File Size   425.76 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MC 1,5/ 2-STF-5,08

1847356 Datasheet (HTML) - PHOENIX CONTACT


1847356 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 320 V, contact surface: Tin, type of contact: Female connector, number of potentials: 2,
number of rows: 1, number of positions: 2, number of connections: 2, product range: MC 1,5/..-
STF, pitch: 5.08 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: 0 °, number of solder pins per potential: 1,
plug-in system: COMBICON MC 1,5, locking: Screw locking, mounting: Screw flange, type of
packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Screwable flange for superior mechanical stability




Similar Part No. - 1847356

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
18473 CANDD-18473 Datasheet
54Kb / 2P
Axial Lead Inductors
logo
Atom Lighting
18473 ATOM-18473 Datasheet
166Kb / 2P
Erskine
19th of January 2025 22:38:52
logo
PHOENIX CONTACT
1847301 PHOENIX-1847301 Datasheet
171Kb / 10P
Printed-circuit board connector - MC 1,5/20-STF-3,5
09/12/2020
1847330 PHOENIX-1847330 Datasheet
93Kb / 3P
Printed-circuit board connector - MC 1,5/12-G-3,81 AU
11/05/2018
logo
National Instruments Co...
184736-01 NI-184736-01 Datasheet
823Kb / 4P
Configurable Signal Conditioning Enclosure
More results


Similar Description - 1847356

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1827703 PHOENIX-1827703 Datasheet
143Kb / 6P
MC 1,5/ 2-STF-3,81
1847055 PHOENIX-1847055 Datasheet
793Kb / 15P
PCB connector - MC 1,5/ 2-STF-3,5
Jul 20, 2022
1847097 PHOENIX-1847097 Datasheet
772Kb / 14P
PCB connector - MC 1,5/ 6-STF-3,5
Jul 20, 2022
1847372 PHOENIX-1847372 Datasheet
439Kb / 13P
PCB connector - MC 1,5/ 4-STF-5,08
Jul 21, 2022
1847217 PHOENIX-1847217 Datasheet
761Kb / 14P
PCB connector - MC 1,5/11-STF-3,5
Nov 30, 2022
1836189 PHOENIX-1836189 Datasheet
569Kb / 13P
PCB header - MC 1,5/ 2-G-5,08
Jan 4, 2023
1847369 PHOENIX-1847369 Datasheet
429Kb / 13P
PCB connector - MC 1,5/ 3-STF-5,08
Jan 5, 2023
1847437 PHOENIX-1847437 Datasheet
429Kb / 13P
PCB connector - MC 1,5/10-STF-5,08
Jan 10, 2023
1847466 PHOENIX-1847466 Datasheet
547Kb / 12P
PCB header - MC 1,5/ 2-GF-5,08
Jan 5, 2023
1900882 PHOENIX-1900882 Datasheet
427Kb / 13P
PCB connector - MC 1,5/ 2-ST1F-5,08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com