Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9318L Datasheet (PDF) - Renesas Technology Corp

DA9318L Datasheet PDF - Renesas Technology Corp
Part # DA9318L
Download  DA9318L Download
File Size   747.16 Kbytes
Page   52 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-Efficiency, 10 A, High-Voltage Direct Charger

DA9318L Datasheet (PDF)

Go To PDF Page Download Datasheet
DA9318L Datasheet PDF - Renesas Technology Corp

Part # DA9318L
Download  DA9318L Click to download

File Size   747.16 Kbytes
Page   52 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-Efficiency, 10 A, High-Voltage Direct Charger

DA9318L Datasheet (HTML) - Renesas Technology Corp


DA9318L Product details

General Description
DA9318L/M is a direct charger using a high-efficiency current doubler with integrated Analog to Digital Converter (ADC) for system monitoring. The device is especially optimized to handle high charging currents and at the same time ensure the safety of the battery and the system. It operates together with a main charger, which handles the pre-charge and constant voltage charging duties.
The current doubling is achieved with a high-efficiency capacitive divider that provides an output voltage of VIN/2, which allows the use of standard Type-C™ cables for charging currents up to 6 A.
The peak efficiency of DA9318L/M is 98 %. Available as two variants, the DA9318L provides a maximum 8 A charging current and 35 W of charging power, whereas DA9318M provides 10 A output current and 44 W of charging power.
An integrated reverse protection feature blocks current flow in both directions while the device is not operational. Additionally, the battery is protected by DA9318L/M by six hardware based safety functions for any over- or under-voltage condition. All safety triggered events lead to an automatic shutdown and are reported via interrupt to the system.
DA9318L/M features an 8-bit ADC for input and output current and voltage, and junction temperature monitoring which ensures safety during direct charging. For software supervision a programmable watchdog timer, and for battery overload protection a safety timer, are included.
An I2C compatible 2-wire interface is provided for the device control.
The DA9318L/M is available in a small WLCSP 3.62 mm × 3.78 mm package.

Key Features
■ 8 A output current (DA9318L)
■ 10 A output current (DA9318M)
■ 98 % efficiency at 2 A
■ 5 % current sense accuracy (DA9318L)
■ 10 % current sense accuracy (DA9318M)
■ Reverse and forward current protection in
IDLE mode
■ I2C compatible 2-wire interface
■ 8-bit ADC to measure voltage and current at
the input and output as well as junction
temperature
■ Safety timer and watchdog
■ Automatic shutdown in fault condition
■ Travel adaptor detection
■ No inductors
■ WLCSP package: 3.62 mm × 3.78 mm
Applications
■ Direct charging in smartphones and tablets, battery packs, and Li-ion powered devices




Similar Part No. - DA9318L

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9318L DIALOG-DA9318L Datasheet
686Kb / 49P
High-Efficiency, 10 A, High-Voltage Direct Charger
DA9318L-05UF2 DIALOG-DA9318L-05UF2 Datasheet
686Kb / 49P
High-Efficiency, 10 A, High-Voltage Direct Charger
More results


Similar Description - DA9318L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1505 LINER-LT1505 Datasheet
214Kb / 16P
Constant-Current/Voltage High Efficiency Battery Charger
logo
Monolithic Power System...
MP26075 MPS-MP26075 Datasheet
306Kb / 12P
High Efficiency Cradle Charger
logo
Linear Technology
LT1505 LINER-LT1505_15 Datasheet
171Kb / 16P
Constant-Current/Voltage High Efficiency Battery Charger
LTC4011 LINER-LTC4011_15 Datasheet
663Kb / 26P
High Efficiency Standalone Nickel Battery Charger
logo
List of Unclassifed Man...
WS2596B ETC2-WS2596B Datasheet
693Kb / 9P
High Efficiency Charger Control IC
logo
Shenzhen Winsemi Microe...
WS2596B WINSEMI-WS2596B Datasheet
693Kb / 9P
High Efficiency Charger Control IC
logo
Linear Technology
LT8490 LINER-LT8490 Datasheet
413Kb / 8P
High Efficiency MPPT Battery Charger Controller
logo
Dialog Semiconductor
DA9318L DIALOG-DA9318L Datasheet
686Kb / 49P
High-Efficiency, 10 A, High-Voltage Direct Charger
logo
Silicon Mitus, Inc.
SM5441 SILICONMITUS-SM5441 Datasheet
187Kb / 2P
A Very High Efficiency 2S Battery Direct Charger embedded Active Cell Balancer
July 2021 Rev. 0.1.1
logo
Richtek Technology Corp...
RT9758 RICHTEK-RT9758 Datasheet
1Mb / 61P
High Voltage Smart Cap Divider and Direct Charge Charger
May 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com