Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5441 Datasheet (PDF) - Silicon Mitus, Inc.

SM5441 Datasheet PDF - Silicon Mitus, Inc.
Part # SM5441
Download  SM5441 Download
File Size   187.68 Kbytes
Page   2 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description A Very High Efficiency 2S Battery Direct Charger embedded Active Cell Balancer

SM5441 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5441 Datasheet PDF - Silicon Mitus, Inc.

Part # SM5441
Download  SM5441 Click to download

File Size   187.68 Kbytes
Page   2 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description A Very High Efficiency 2S Battery Direct Charger embedded Active Cell Balancer

SM5441 Datasheet (HTML) - Silicon Mitus, Inc.


SM5441 Product details

Features
⚫ 2S2P battery Direct Charger with up to 99% efficiency
⚫ Active cell balancer for 2S battery stacked two individual battery pack (2S2P) via integrated switched capacitor converter
⚫ Max DC 6A for Direct Charge
⚫ Max DC 7A for Switched Capacitor Converter
⚫ 6V to 10.5V VBUS Input Voltage Range
⚫ 2S2P Battery Charge Regulation . Input Current Limit . Charging Current Regulation . Battery Voltage Regulation
⚫ Protections . VBUS, VOUT, and VBAT1/2 OVP . IBUS and IBAT1/2 OCP . Reverse Blocking . Flying Capacitor SCP . Relative OVP . Reverse Bypass OCP . Reverse Bypass VBUS SCP
. High Side Battery Detachment Detection . Die Thermal Shutdown . THEM OTP . Watchdog Timer
⚫ A 13-bit ADC for VBUS, VMIDVBUS, VBAT1/2, VOUT, IBUS, IBAT1/2, VTHEM and die temperature
⚫ 400kHz Full-Speed I2C Interface
⚫ 72-Bump, 3.5mm x 3.77mm WLCSP Package
Applications
⚫ 2S Foldable Smartphone
⚫ 2S Tablet and Note-PC
⚫ Portable Devices




Similar Part No. - SM5441

ManufacturerPart #DatasheetDescription
logo
Silicon Mitus, Inc.
SM5440 SILICONMITUS-SM5440 Datasheet
162Kb / 2P
A Very High Efficiency Switched Capacitor 9A Charger with 13-bit ADC for Fast Charging
July 2021 Rev. 1.0.0
More results


Similar Description - SM5441

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPV1040 STMICROELECTRONICS-SPV1040 Datasheet
618Kb / 15P
High efficiency solar battery charger with embedded MPPT
04-Oct-2011
logo
ams AG
AS8506C AMSCO-AS8506C Datasheet
996Kb / 94P
Battery Cell Monitor and Balancer IC
logo
Linear Technology
LTC3300-1 LINER-LTC3300-1_15 Datasheet
470Kb / 46P
High Efficiency Bidirectional Multicell Battery Balancer
LTC3300-2 LINER-LTC3300-2_15 Datasheet
473Kb / 42P
Addressable High Efficiency Bidirectional Multicell Battery Balancer
logo
E-CMOS Corporation
EC49020 E-CMOS-EC49020 Datasheet
711Kb / 11P
High Efficiency 2A 1.5MHz Single Cell Li-ion Battery Switching Charger
logo
Linear Technology
LTC3128 LINER-LTC3128 Datasheet
230Kb / 6P
High Efficiency 2-Cell Supercapacitor Charger and Balancer Converter
LTC3300-2 LINER-LTC3300-2 Datasheet
473Kb / 42P
Addressable High Efficiency Bidirectional Multicell Battery Balancer
logo
Dialog Semiconductor
DA9318L DIALOG-DA9318L Datasheet
686Kb / 49P
High-Efficiency, 10 A, High-Voltage Direct Charger
logo
Maxim Integrated Produc...
MAX77975EVKIT MAXIM-MAX77975EVKIT Datasheet
5Mb / 32P
High-Efficiency Single-Cell Switching Charger
319-100597; Rev 1; 11/20
logo
Renesas Technology Corp
DA9318L RENESAS-DA9318L Datasheet
747Kb / 52P
High-Efficiency, 10 A, High-Voltage Direct Charger
14-Feb-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com