Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9203A Datasheet (PDF) - Renesas Technology Corp

ISL9203A Datasheet PDF - Renesas Technology Corp
Part # ISL9203A
Download  ISL9203A Download
File Size   394.6 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Li-Ion/Li Polymer Battery Charger

ISL9203A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL9203A Datasheet PDF - Renesas Technology Corp

Part # ISL9203A
Download  ISL9203A Click to download

File Size   394.6 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Li-Ion/Li Polymer Battery Charger

ISL9203A Datasheet (HTML) - Renesas Technology Corp


ISL9203A Product details

Features
Complete charger for single-cell Li-ion batteries
Very low thermal dissipation
Integrated pass element and current sensor
No external blocking diode required
1% voltage accuracy
Programmable current limit up to 1.5A
Charge current thermal foldback
Accepts multiple types of adapters
Operation down to VIN = 2.65V after startup
Ambient temperature range: -20°C to +70°C
Thermally-enhanced DFN packages
Pb-free (RoHS compliant)
Applications
Handheld devices, including medical handhelds
PDAs, cell phones, and smartphones
Portable instruments and MP3 players
Self-charging battery packs
Stand-alone chargers
USB bus-powered chargers




Similar Part No. - ISL9203A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9203A INTERSIL-ISL9203A Datasheet
319Kb / 14P
Li-ion/Li Polymer Battery Charger
February 14, 2007
logo
Renesas Technology Corp
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
Li-ion/Li Polymer Battery Charger
logo
Intersil Corporation
ISL9203A INTERSIL-ISL9203A Datasheet
322Kb / 14P
Li-ion/Li Polymer Battery Charger
February 14, 2007
ISL9203ACRZ INTERSIL-ISL9203ACRZ Datasheet
319Kb / 14P
Li-ion/Li Polymer Battery Charger
February 14, 2007
ISL9203ACRZ INTERSIL-ISL9203ACRZ Datasheet
322Kb / 14P
Li-ion/Li Polymer Battery Charger
February 14, 2007
More results


Similar Description - ISL9203A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
Li-ion/Li Polymer Battery Charger
July 25, 2005
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
Li-ion/Li Polymer Battery Charger
July 22, 2005
ISL6298CR4Z INTERSIL-ISL6298CR4Z Datasheet
445Kb / 17P
Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
Li-ion/Li Polymer Battery Charger
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
Li-ion/Li Polymer Battery Charger
ISL6292D RENESAS-ISL6292D Datasheet
695Kb / 13P
Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
Li-ion/Li Polymer Battery Charger
Nov.3.20
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com