Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC4 Datasheet (PDF) - Amphenol RF.

AMC4 Datasheet PDF - Amphenol RF.
Part # AMC4
Download  AMC4 Download
File Size   87.81 Kbytes
Page   2 Pages
Manufacturer  RF [Amphenol RF.]
Direct Link  https://www.amphenolrf.com/
Logo RF - Amphenol RF.
Description Ultraminiature Product Series

AMC4 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC4 Datasheet PDF - Amphenol RF.

Part # AMC4
Download  AMC4 Click to download

File Size   87.81 Kbytes
Page   2 Pages
Manufacturer  RF [Amphenol RF.]
Direct Link  https://www.amphenolrf.com/
Logo RF - Amphenol RF.
Description Ultraminiature Product Series

AMC4 Datasheet (HTML) - Amphenol RF.


AMC4 Product details

Overview
Amphenol RF ultraminiature product series' (AMC, AMC4 and AMMC) feature low profile PCB connectors with small board footprints. These series utilize the popular snap-on coupling mechanism for secure and easy mating and are available in a variety of connector, adapter and pre-configured cable assembly configurations. Cable assemblies are designed using various micro coax and flexible cable types. Ultraminiature connectors operate at 50 ohm impedance and provide excellent electrical performance from DC to 6 GHz. These products are ideal for applications with space constraints such as IoT infrastructure and consumer devices.

Features and Benefits
• Easy snap-on/snap-off mating
• Ultra low profile
• Small footprint
• 100% compatible with industry standard options

Applications
• RFID
• Notebook Computers
• Remote Measuring Equipment
• Bluetooth
• GPS
• Handheld and Portable Devices




Similar Part No. - AMC4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC431 ETC2-AMC431 Datasheet
174Kb / 11P
PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
Texas Instruments
AMC4311D TI2-AMC4311D Datasheet
652Kb / 8P
AMC4311D Precision, 2V Input, Reinforced Isolated Amplifier with Differential Output and Integrated DC/DC Converter
MAY 2026
AMC4311R TI2-AMC4311R Datasheet
646Kb / 8P
AMC4311R Precision, 2V Input, Reinforced Isolated Amplifier with Single-Ended, Ratiometric output and Integrated DC/DC
MAY 2026
logo
List of Unclassifed Man...
AMC431BDB ETC2-AMC431BDB Datasheet
174Kb / 11P
PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
More results


Similar Description - AMC4

ManufacturerPart #DatasheetDescription
logo
Rohm
RPI-125 ROHM-RPI-125 Datasheet
67Kb / 2P
Photointerrupter, Ultraminiature type
logo
Bourns Electronic Solut...
STS BOURNS-STS Datasheet
300Kb / 2P
Ultraminiature Tactile Switch
logo
PIC GmbH
PRX+1500 PIC-PRX+1500 Datasheet
22Kb / 1P
Ultraminiature Reed Sensor
logo
Rohm
RPI-122 ROHM-RPI-122_05 Datasheet
80Kb / 2P
Photointerrupter, Ultraminiature type
RPI-124A ROHM-RPI-124A Datasheet
54Kb / 2P
Photointerrupter, Ultraminiature type
logo
C&K Components
GT21MSCBE CK-COMPONENTS-GT21MSCBE Datasheet
419Kb / 5P
GT Series Sealed Ultraminiature Toggle Switches
logo
Rohm
RPI-124F ROHM-RPI-124F Datasheet
54Kb / 2P
Photointerrupter, Ultraminiature type
RP-SMA ROHM-RP-SMA Datasheet
54Kb / 2P
Photointerrupter, Ultraminiature type
logo
PIC GmbH
MS-208-3 PIC-MS-208-3 Datasheet
110Kb / 2P
Ultraminiature Reed Sensor
PRX-1500 PIC-PRX-1500 Datasheet
167Kb / 1P
Ultraminiature Reed Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com