Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1701553 Datasheet (PDF) - PHOENIX CONTACT

1701553 Datasheet PDF - PHOENIX CONTACT
Part # 1701553
Download  1701553 Download
File Size   236.24 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Feed-through header - DFK-PC 6-16/ 4-GF-10,16

1701553 Datasheet (PDF)

Go To PDF Page Download Datasheet
1701553 Datasheet PDF - PHOENIX CONTACT

Part # 1701553
Download  1701553 Click to download

File Size   236.24 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Feed-through header - DFK-PC 6-16/ 4-GF-10,16

1701553 Datasheet (HTML) - PHOENIX CONTACT


1701553 Product details

Feed-through header, nominal cross section: 16 mm2, color: green, nominal current: 76 A, rated
voltage (III/2): 1000 V, contact surface: Silver, type of contact: Male connector, number of
potentials: 4, number of rows: 1, number of positions: 4, number of connections: 4, product
range: DFK-PC 6-16/..-GF, pitch: 10.16 mm, mounting: Wave soldering, pin layout: Linear
pinning, solder pin [P]: 4.1 mm, number of solder pins per potential: 3, plug-in system:
COMBICON PC 16, Pin connector pattern alignment: Standard, locking: Screw locking,
mounting: Threaded flange, type of packaging: packed in cardboard

Your advantages
• Well-known mounting principle allows worldwide use
• Flange system enables secure fixing to the housing panel by means of tool-free snap-in locking or screws
• Shroud for professional EMC shield connection on the front of the device
• Screwable flange for superior mechanical stability




Similar Part No. - 1701553

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
170155160ME ETC2-170155160ME Datasheet
409Kb / 3P
High Current / Low ESR, Wrap and Fill Axial Leaded Capacitors
170155250TF ETC2-170155250TF Datasheet
409Kb / 3P
High Current / Low ESR, Wrap and Fill Axial Leaded Capacitors
170155400YF ETC2-170155400YF Datasheet
409Kb / 3P
High Current / Low ESR, Wrap and Fill Axial Leaded Capacitors
logo
Cornell Dubilier Electr...
170155J160ME1 CDE-170155J160ME1 Datasheet
409Kb / 3P
Type 170 Axial Leaded Metallized Polypropylene
logo
List of Unclassifed Man...
170155J160MEJ ETC2-170155J160MEJ Datasheet
409Kb / 3P
High Current / Low ESR, Wrap and Fill Axial Leaded Capacitors
More results


Similar Description - 1701553

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1922585 PHOENIX-1922585 Datasheet
150Kb / 6P
Feed-through header - PCV 6-16/ 4-GF-10,16
1913662 PHOENIX-1913662 Datasheet
116Kb / 8P
Feed-through header - PC 6-16/ 4-G-10,16
09/12/2020
1701579 PHOENIX-1701579 Datasheet
236Kb / 8P
Feed-through header - DFK-PC 6-16/ 6-GF-10,16
Jan 3, 2023
1701537 PHOENIX-1701537 Datasheet
380Kb / 10P
Feed-through header - DFK-PC 6-16/ 2-GF-10,16
Jan 5, 2023
1703470 PHOENIX-1703470 Datasheet
616Kb / 15P
Feed-through plug - DFK-PC 16/ 4-STF-10,16
Jan 5, 2023
1701456 PHOENIX-1701456 Datasheet
645Kb / 16P
DFK-PC 6-16/ 2-G-10,16 - Feed-through header
1701540 PHOENIX-1701540 Datasheet
241Kb / 8P
DFK-PC 6-16/ 3-GF-10,16 - Feed-through header
1701508 PHOENIX-1701508 Datasheet
479Kb / 14P
DFK-PC 6-16/ 7-G-10,16 - Feed-through header
1701948 PHOENIX-1701948 Datasheet
560Kb / 15P
DFK-PC 6-16/ 3-GF-SH-10,16 - Feed-through header
1701524 PHOENIX-1701524 Datasheet
462Kb / 13P
DFK-PC 6-16/ 9-G-10,16 - Feed-through header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com