Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1701540 Datasheet (PDF) - PHOENIX CONTACT

1701540 Datasheet PDF - PHOENIX CONTACT
Part # 1701540
Download  1701540 Download
File Size   241.04 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DFK-PC 6-16/ 3-GF-10,16 - Feed-through header

1701540 Datasheet (PDF)

Go To PDF Page Download Datasheet
1701540 Datasheet PDF - PHOENIX CONTACT

Part # 1701540
Download  1701540 Click to download

File Size   241.04 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DFK-PC 6-16/ 3-GF-10,16 - Feed-through header

1701540 Datasheet (HTML) - PHOENIX CONTACT


1701540 Product details

Feed-through header, nominal cross section: 16 mm2, color: green, nominal current: 76 A, rated
voltage (III/2): 1000 V, contact surface: Silver, contact connection type: Pin, number of potentials:
3, number of rows: 1, number of positions: 3, number of connections: 3, product range: DFK-PC
6-16/..-GF, pitch: 10.16 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]:
4.1 mm, number of solder pins per potential: 3, plug-in system: COMBICON PC 16, Pin
connector pattern alignment: Standard, locking: Screw locking mechanism, mounting: Threaded
flange, type of packaging: packed in cardboard

Your advantages
• Well-known mounting principle allows worldwide use
• Flange system enables secure fixing to the housing panel by means of tool-free snap-in locking or screws
• Shroud for professional EMC shield connection on the front of the device
• Screwable flange for superior mechanical stability




Similar Part No. - 1701540

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
170154160DB ETC2-170154160DB Datasheet
409Kb / 3P
High Current / Low ESR, Wrap and Fill Axial Leaded Capacitors
170154250FC ETC2-170154250FC Datasheet
409Kb / 3P
High Current / Low ESR, Wrap and Fill Axial Leaded Capacitors
170154400FE ETC2-170154400FE Datasheet
409Kb / 3P
High Current / Low ESR, Wrap and Fill Axial Leaded Capacitors
170154630ME ETC2-170154630ME Datasheet
409Kb / 3P
High Current / Low ESR, Wrap and Fill Axial Leaded Capacitors
logo
Cornell Dubilier Electr...
170154J160DB1 CDE-170154J160DB1 Datasheet
409Kb / 3P
Type 170 Axial Leaded Metallized Polypropylene
More results


Similar Description - 1701540

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1996249 PHOENIX-1996249 Datasheet
128Kb / 7P
Feed-through header - PC 6-16/ 3-G1U-10,16
1999013 PHOENIX-1999013 Datasheet
186Kb / 9P
Feed-through header - PC 6-16/ 3-G1F-10,16
1913659 PHOENIX-1913659 Datasheet
108Kb / 7P
Feed-through header - PC 6-16/ 3-G-10,16
09/12/2020
1701579 PHOENIX-1701579 Datasheet
236Kb / 8P
Feed-through header - DFK-PC 6-16/ 6-GF-10,16
Jan 3, 2023
1701537 PHOENIX-1701537 Datasheet
380Kb / 10P
Feed-through header - DFK-PC 6-16/ 2-GF-10,16
Jan 5, 2023
1701553 PHOENIX-1701553 Datasheet
236Kb / 8P
Feed-through header - DFK-PC 6-16/ 4-GF-10,16
Jan 5, 2023
1701456 PHOENIX-1701456 Datasheet
645Kb / 16P
DFK-PC 6-16/ 2-G-10,16 - Feed-through header
1701508 PHOENIX-1701508 Datasheet
479Kb / 14P
DFK-PC 6-16/ 7-G-10,16 - Feed-through header
1701948 PHOENIX-1701948 Datasheet
560Kb / 15P
DFK-PC 6-16/ 3-GF-SH-10,16 - Feed-through header
1701524 PHOENIX-1701524 Datasheet
462Kb / 13P
DFK-PC 6-16/ 9-G-10,16 - Feed-through header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com