Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1704033 Datasheet (PDF) - PHOENIX CONTACT

1704033 Datasheet PDF - PHOENIX CONTACT
Part # 1704033
Download  1704033 Download
File Size   444.89 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - KDS10-PE

1704033 Datasheet (PDF)

Go To PDF Page Download Datasheet
1704033 Datasheet PDF - PHOENIX CONTACT

Part # 1704033
Download  1704033 Click to download

File Size   444.89 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - KDS10-PE

1704033 Datasheet (HTML) - PHOENIX CONTACT


1704033 Product details

PCB terminal block, nominal current: 76 A, rated voltage (III/2): 320 V, nominal cross section: 10
mm2, number of potentials: 1, number of rows: 1, number of positions per row: 1, product range:
KDS10-PE, pitch: 10 mm, connection method: Screw connection with tension sleeve, mounting:
Wave soldering, conductor/PCB connection direction: 0 °, color: green, Pin layout: Linear
pinning, Solder pin [P]: 4.3 mm, number of solder pins per potential: 4, type of packaging:
packed in cardboard. The article can be aligned to create different nos. of positions!

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Potentials can be easily looped through with additional connection to the PCB
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1704033

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1704039 PHOENIX-1704039 Datasheet
62Kb / 5P
Printed-circuit board connector - MSTBT 2,5/ 3-ST-5,08 ABGYAU
More results


Similar Description - 1704033

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
EB15-XX-C-180 ADAM-TECH-EB15-XX-C-180 Datasheet
72Kb / 1P
TERMINAL BLOCK PCB
EB50-A-XX-B-BK ADAM-TECH-EB50-A-XX-B-BK Datasheet
73Kb / 1P
TERMINAL BLOCK PCB
EB105-XX-H ADAM-TECH-EB105-XX-H Datasheet
72Kb / 1P
TERMINAL BLOCK PCB
EB106-XX-D-BK ADAM-TECH-EB106-XX-D-BK Datasheet
72Kb / 1P
TERMINAL BLOCK PCB
EBI-XX-G ADAM-TECH-EBI-XX-G Datasheet
74Kb / 1P
TERMINAL BLOCK PCB
EBI-XX-RA-G ADAM-TECH-EBI-XX-RA-G Datasheet
69Kb / 1P
TERMINAL BLOCK PCB
logo
PHOENIX CONTACT
1704020 PHOENIX-1704020 Datasheet
96Kb / 6P
PCB terminal block - KDS10
1704059 PHOENIX-1704059 Datasheet
96Kb / 6P
PCB terminal block - KDS10/SO
1985548 PHOENIX-1985548 Datasheet
54Kb / 4P
PCB terminal block - KDS10/SO BU
1704062 PHOENIX-1704062 Datasheet
450Kb / 13P
KDS10-PE/SO - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com