Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1704062 Datasheet (PDF) - PHOENIX CONTACT

1704062 Datasheet PDF - PHOENIX CONTACT
Part # 1704062
Download  1704062 Download
File Size   450.36 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description KDS10-PE/SO - PCB terminal block

1704062 Datasheet (PDF)

Go To PDF Page Download Datasheet
1704062 Datasheet PDF - PHOENIX CONTACT

Part # 1704062
Download  1704062 Click to download

File Size   450.36 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description KDS10-PE/SO - PCB terminal block

1704062 Datasheet (HTML) - PHOENIX CONTACT


1704062 Product details

PCB terminal block, nominal current: 76 A, rated voltage (III/2): 320 V, nominal cross section: 10
mm2, number of potentials: 1, number of rows: 1, number of positions per row: 1, product range:
KDS10-PE, pitch: 10 mm, connection method: Screw connection with tension sleeve, mounting:
Wave soldering, conductor/PCB connection direction: 0 °, Pin layout: Linear pinning, Solder pin
[P]: 4.3 mm, number of solder pins per potential: 4, type of packaging: packed in cardboard. The
article can be aligned to create different nos. of positions!

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Potentials can be easily looped through with additional connection to the PCB
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1704062

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1704065 PHOENIX-1704065 Datasheet
58Kb / 3P
MCV 1,5/ 3-GF-3,81 GY AU
More results


Similar Description - 1704062

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1704020 PHOENIX-1704020 Datasheet
96Kb / 6P
PCB terminal block - KDS10
1704059 PHOENIX-1704059 Datasheet
96Kb / 6P
PCB terminal block - KDS10/SO
1708019 PHOENIX-1708019 Datasheet
43Kb / 2P
PCB terminal block - ZFKDSA 1,5C-5,0- 7 SO GN-BN
1712089 PHOENIX-1712089 Datasheet
43Kb / 2P
PCB terminal block - ZFKDSA 1,5C-5,0- 4 SO RDBKWHWH
1904053 PHOENIX-1904053 Datasheet
80Kb / 4P
PCB terminal block - SMKDSN 1,5/ 3 BD:3,2,1 SO
1985548 PHOENIX-1985548 Datasheet
54Kb / 4P
PCB terminal block - KDS10/SO BU
1988435 PHOENIX-1988435 Datasheet
43Kb / 2P
PCB terminal block - ZFKDSA 1,5C-5,0- 3 SO RDBKWH
1988464 PHOENIX-1988464 Datasheet
43Kb / 2P
PCB terminal block - ZFKDSA 1,5C-5,0- 6 SO RDBKWHGN
1988561 PHOENIX-1988561 Datasheet
43Kb / 2P
PCB terminal block - ZFKDSA 1,5C-5,0- 3 SO WHBKRD
1704033 PHOENIX-1704033 Datasheet
444Kb / 13P
PCB terminal block - KDS10-PE
Jan 5, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com