Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1709025 Datasheet (PDF) - PHOENIX CONTACT

1709025 Datasheet PDF - PHOENIX CONTACT
Part # 1709025
Download  1709025 Download
File Size   404.67 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - GKDS/E

1709025 Datasheet (PDF)

Go To PDF Page Download Datasheet
1709025 Datasheet PDF - PHOENIX CONTACT

Part # 1709025
Download  1709025 Click to download

File Size   404.67 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - GKDS/E

1709025 Datasheet (HTML) - PHOENIX CONTACT


1709025 Product details

PCB terminal block, nominal current: 24 A, rated voltage (III/2): 630 V, nominal cross section: 2.5
mm2, number of potentials: 1, number of rows: 1, number of positions per row: 1, product range:
GKDS/E, pitch: 7.5 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 0 °, color:
green, Pin layout: Linear pinning, Solder pin [P]: 5 mm, number of solder pins per potential: 2,
type of packaging: packed in cardboard. The article can be aligned to create different nos. of
positions!

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Quick and convenient testing using integrated test option
• Two solder pins reduce the mechanical strain on the soldering spots
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1709025

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
170902 FESTO-170902 Datasheet
96Kb / 2P
Guided actuator
logo
PHOENIX CONTACT
1709021 PHOENIX-1709021 Datasheet
79Kb / 4P
Base strip - IPCV 5/11-GF-7,62
More results


Similar Description - 1709025

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
EB15-XX-C-180 ADAM-TECH-EB15-XX-C-180 Datasheet
72Kb / 1P
TERMINAL BLOCK PCB
EB106-XX-D-BK ADAM-TECH-EB106-XX-D-BK Datasheet
72Kb / 1P
TERMINAL BLOCK PCB
EBI-XX-G ADAM-TECH-EBI-XX-G Datasheet
74Kb / 1P
TERMINAL BLOCK PCB
EBI-XX-RA-G ADAM-TECH-EBI-XX-RA-G Datasheet
69Kb / 1P
TERMINAL BLOCK PCB
logo
PHOENIX CONTACT
1706015 PHOENIX-1706015 Datasheet
51Kb / 4P
PCB terminal block - GKDS/E A0 BK
1706028 PHOENIX-1706028 Datasheet
133Kb / 6P
PCB terminal block - GKDS
1709096 PHOENIX-1709096 Datasheet
72Kb / 7P
PCB terminal block - GKDS/E BU
1709119 PHOENIX-1709119 Datasheet
71Kb / 7P
PCB terminal block - GKDS/E-LOE GN
1709203 PHOENIX-1709203 Datasheet
548Kb / 14P
PCB terminal block - GKDS-EX
Jan 10, 2023
1709054 PHOENIX-1709054 Datasheet
169Kb / 4P
GRZ/E 2,5 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com