Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1709203 Datasheet (PDF) - PHOENIX CONTACT

1709203 Datasheet PDF - PHOENIX CONTACT
Part # 1709203
Download  1709203 Download
File Size   548.45 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - GKDS-EX

1709203 Datasheet (PDF)

Go To PDF Page Download Datasheet
1709203 Datasheet PDF - PHOENIX CONTACT

Part # 1709203
Download  1709203 Click to download

File Size   548.45 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - GKDS-EX

1709203 Datasheet (HTML) - PHOENIX CONTACT


1709203 Product details

PCB terminal block, nominal current: 20 A, rated voltage (III/2): 630 V, nominal cross section: 2.5
mm2, number of potentials: 1, number of rows: 1, number of positions per row: 1, product range:
GKDS-EX, pitch: 7.5 mm, connection method: Screw connection with tension sleeve, screw
head form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 0 °, color:
black, Pin layout: Linear pinning, Solder pin [P]: 5 mm, number of solder pins per potential: 2,
type of packaging: packed in cardboard. The article can be aligned to create different nos. of
positions! Every group of terminal blocks is to be provided with a GRZ 2,5V-EX (1706112) flange
plate on both sides. If there are more than 10 terminal blocks, at least one additional flange plate
must be mounted for each further group of ten. When the pitch spacer GRZ 2,5-EX (1724628) is
used, the max. working voltage is increased to 420 V.

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Satisfies the more stringent safety requirements of “Ex e” protection according to IEC 60079-7 for potentially explosive areas
• Quick and convenient testing using integrated test option
• Two solder pins reduce the mechanical strain on the soldering spots
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1709203

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
170920 FESTO-170920 Datasheet
92Kb / 2P
Guided actuator
logo
PHOENIX CONTACT
1709209 PHOENIX-1709209 Datasheet
187Kb / 9P
Printed-circuit board connector - IPC 5/ 7-STF-7,62
More results


Similar Description - 1709203

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1700325 PHOENIX-1700325 Datasheet
77Kb / 5P
PCB terminal block - FRONT 2,5-H/SA10-EX
1706015 PHOENIX-1706015 Datasheet
51Kb / 4P
PCB terminal block - GKDS/E A0 BK
1706028 PHOENIX-1706028 Datasheet
133Kb / 6P
PCB terminal block - GKDS
1709096 PHOENIX-1709096 Datasheet
72Kb / 7P
PCB terminal block - GKDS/E BU
1709119 PHOENIX-1709119 Datasheet
71Kb / 7P
PCB terminal block - GKDS/E-LOE GN
1732111 PHOENIX-1732111 Datasheet
61Kb / 3P
PCB terminal block - ZFKDS 1,5C-5,0-EX
1732124 PHOENIX-1732124 Datasheet
91Kb / 3P
PCB terminal block - ZFKDSA 1,5C-6,0-EX
1732137 PHOENIX-1732137 Datasheet
115Kb / 3P
PCB terminal block - ZFKDS 2,5-5,08-EX
1869800 PHOENIX-1869800 Datasheet
56Kb / 3P
PCB connection terminal block - MKKDSH 3/ 3-EX
1709025 PHOENIX-1709025 Datasheet
404Kb / 13P
PCB terminal block - GKDS/E
Jan 5, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com