Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP72250 Datasheet (PDF) - Diodes Incorporated

AP72250 Datasheet PDF - Diodes Incorporated
Part # AP72250
Download  AP72250 Download
File Size   2167.81 Kbytes
Page   26 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 0.6V TO 5.5V INPUT SYNCHRONOUS BOOST CONVERTER WITH 4.7A SWITCHES

AP72250 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP72250 Datasheet PDF - Diodes Incorporated

Part # AP72250
Download  AP72250 Click to download

File Size   2167.81 Kbytes
Page   26 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 0.6V TO 5.5V INPUT SYNCHRONOUS BOOST CONVERTER WITH 4.7A SWITCHES

AP72250 Datasheet (HTML) - Diodes Incorporated


AP72250 Product details

Features
- VIN: 0.6V to 5.5V
- Minimum Input Startup Voltage: 1V
- Output Voltage (VOUT): 1.7V to 5.5V
- 4.7A Switching Current
- 0.8V ± 1% Reference Voltage
- 20μA Low Quiescent Current (Pulse Frequency Modulation)
- 900kHz Switching Frequency
- Up to 89% Efficiency at 5mA Light Load
- Selectable Operation Mode
- Pulse Frequency Modulation (PFM)
- Ultrasonic Mode (USM)
- Forced Pulse Width Modulation (FPWM)
- Power-Good Indicator with 5MΩ Internal Pull-up Resistor
- Protection Circuitry
- Undervoltage Lockout (UVLO)
- Peak Current Limit
- Negative (Valley) Current Limit
- Output Short Circuit Protection (SCP)
- Thermal Shutdown
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- For automotive applications requiring specific change control

Applications
- Low voltage power cells
- Portable consumer devices
- Supercapacitor charge storages
- USB power supplies
- Power banks
- Industrial metering equipments




Similar Part No. - AP72250

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP72250 DIODES-AP72250 Datasheet
804Kb / 2P
Synchronous Boost Converter with Ultra Low Input Voltage Enables 5A Switch Current
AP72250CJ12-7 DIODES-AP72250CJ12-7 Datasheet
804Kb / 2P
Synchronous Boost Converter with Ultra Low Input Voltage Enables 5A Switch Current
More results


Similar Description - AP72250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61200 TI-TPS61200 Datasheet
835Kb / 29P
LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200 TI-TPS61200_08 Datasheet
995Kb / 26P
LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_081 TI-TPS61200_081 Datasheet
1Mb / 28P
LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_082 TI-TPS61200_082 Datasheet
1Mb / 28P
LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
logo
Rohm
BU33DV7NUX ROHM-BU33DV7NUX Datasheet
979Kb / 27P
1.8V to 5.5V, 300mA 1ch Synchronous Boost DC/DC Converter
BU34DV7NUX ROHM-BU34DV7NUX Datasheet
990Kb / 27P
1.8V to 5.5V, 300mA 1ch Synchronous Boost DC/DC Converter
logo
Texas Instruments
TPS61200 TI-TPS61200_15 Datasheet
1Mb / 33P
TPS6120x Low Input Voltage Synchronous Boost Converter With 1.3-A Switches
logo
Maxim Integrated Produc...
MAX17220 MAXIM-MAX17220 Datasheet
920Kb / 23P
400mV to 5.5V Input, nanoPower Synchronous Boost Converter with True Shutdown
Rev 3; 7/17
MAX17220 MAXIM-MAX17220_V01 Datasheet
946Kb / 23P
400mV to 5.5V Input, nanoPower Synchronous Boost Converter with True Shutdown
2019
logo
Analog Devices
MAX18000 AD-MAX18000 Datasheet
1Mb / 17P
500mV to 5.5V Input nanoPower Boost Converter with Short-Circuit Protection
Rev 0; 2/23
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com