Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A768EB127M1GLAE034 Datasheet (PDF) - Kemet Corporation

A768EB127M1GLAE034 Datasheet PDF - Kemet Corporation
Part # A768EB127M1GLAE034
Download  A768EB127M1GLAE034 Download
File Size   961.14 Kbytes
Page   18 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description A768 125°C

A768EB127M1GLAE034 Datasheet (PDF)

Go To PDF Page Download Datasheet
A768EB127M1GLAE034 Datasheet PDF - Kemet Corporation

Part # A768EB127M1GLAE034
Download  A768EB127M1GLAE034 Click to download

File Size   961.14 Kbytes
Page   18 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description A768 125°C

A768EB127M1GLAE034 Datasheet (HTML) - Kemet Corporation


A768EB127M1GLAE034 Product details

Benefits
• Surface mount form factor
• Ultra low impedance
• High ripple current
• High voltage
• High temperature; 125°C/2,000 hours
• High vibration resistance up to 30 g
• RoHS compliant
• Halogen-free




Similar Part No. - A768EB127M1GLAE034

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A768EB127M1GLAE034 KEMET-A768EB127M1GLAE034 Datasheet
3Mb / 18P
Surface Mount Solid Polymer Aluminum Capacitors A768 125°C
8/5/2025
More results


Similar Description - A768EB127M1GLAE034

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKL VISHAY-EKL Datasheet
104Kb / 7P
Aluminum Capacitors Radial Style 125 °C
17-Jul-08
630D VISHAY-630D_08 Datasheet
129Kb / 3P
Aluminum Capacitors 125 °C, Miniature, Axial Lead
22-Jul-08
510DX VISHAY-510DX Datasheet
90Kb / 5P
Aluminum Capacitors 125 °C, Miniature, Radial Lead
07-Jan-13
610D VISHAY-610D Datasheet
71Kb / 3P
Aluminum Capacitors 125 °C, Non-Polar, Miniature
24-Apr-13
630D VISHAY-630D_13 Datasheet
67Kb / 3P
Aluminum Capacitors 125 °C, Miniature, Axial Lead
24-Apr-13
logo
Innovative Power Produc...
IPP-RB206LC-50 IPP-IPP-RB206LC-50 Datasheet
58Kb / 1P
RESISTOR, LOW C, 125 WATT, FLANGE
logo
Exxelia Group
CUBISICHTLP EXXELIA-CUBISICHTLP Datasheet
119Kb / 3P
5 000 h / 125°C
Revision 04/22
FELSIC125FRS EXXELIA-FELSIC125FRS Datasheet
652Kb / 13P
3 500 h / 125°C
Revision 01/19
PRORELSIC125 EXXELIA-PRORELSIC125 Datasheet
651Kb / 15P
5 000 h / 125°C
Revision 01/19
SNAPSIC125 EXXELIA-SNAPSIC125 Datasheet
594Kb / 12P
8 000 h / 125°C
Revision 01/19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com