Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FELSIC125FRS Datasheet (PDF) - Exxelia Group

FELSIC125FRS Datasheet PDF - Exxelia Group
Part # FELSIC125FRS
Download  FELSIC125FRS Download
File Size   652.12 Kbytes
Page   13 Pages
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group
Description 3 500 h / 125°C

FELSIC125FRS Datasheet (PDF)

Go To PDF Page Download Datasheet
FELSIC125FRS Datasheet PDF - Exxelia Group

Part # FELSIC125FRS
Download  FELSIC125FRS Click to download

File Size   652.12 Kbytes
Page   13 Pages
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group
Description 3 500 h / 125°C

FELSIC125FRS Datasheet (HTML) - Exxelia Group


FELSIC125FRS Product details

APPLICATIONS
• Power electronics: converters, current inverters
• Switch mode power supplies
• Magnetization, welding machines, fl ash
• Circuit with high impulse current
Fixing: Clip or stud fi xing
Screw terminals: M5 or M6
Tolerance on capacitance at 20°C : –10 +30 %
Operating temperature : – 55°C +125°C




Similar Part No. - FELSIC125FRS

ManufacturerPart #DatasheetDescription
logo
Exxelia Group
FELSIC105 EXXELIA-FELSIC105 Datasheet
663Kb / 13P
8 000 h / 105°C
Revision 01/19
FELSIC105LP EXXELIA-FELSIC105LP Datasheet
629Kb / 11P
8 000 h / 105°C
Revision 01/19
FELSIC105TFRS EXXELIA-FELSIC105TFRS Datasheet
631Kb / 12P
8 000 h / 105°C
Revision 01/19
More results


Similar Description - FELSIC125FRS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OP23 ETC-OP23 Datasheet
66Kb / 2P
c-H-RAS
logo
Adels-Contact
122203 ADELS-122203 Datasheet
117Kb / 2P
500/ 3 31
13/01/2020
123203 ADELS-123203 Datasheet
117Kb / 2P
500/ 3 35
124403 ADELS-124403 Datasheet
117Kb / 2P
500 LRZ/ 3
196003 ADELS-196003 Datasheet
118Kb / 1P
500/ 3 ZEL
logo
Kemet Corporation
A768EB127M1DLAE034 KEMET-A768EB127M1DLAE034 Datasheet
961Kb / 18P
A768 125°C
9/26/2022
logo
Exxelia Group
CUBISICHTLP EXXELIA-CUBISICHTLP Datasheet
119Kb / 3P
5 000 h / 125°C
Revision 04/22
PRORELSIC125 EXXELIA-PRORELSIC125 Datasheet
651Kb / 15P
5 000 h / 125°C
Revision 01/19
SNAPSIC125 EXXELIA-SNAPSIC125 Datasheet
594Kb / 12P
8 000 h / 125°C
Revision 01/19
VACSIC150 EXXELIA-VACSIC150 Datasheet
582Kb / 12P
1 500 h / 150°C
Revision 01/19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com