Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FELSIC125FRS Datasheet(PDF) 3 Page - Exxelia Group

Part # FELSIC125FRS
Description  3 500 h / 125°C
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

FELSIC125FRS Datasheet(HTML) 3 Page - Exxelia Group

  FELSIC125FRS Datasheet HTML 1Page - Exxelia Group FELSIC125FRS Datasheet HTML 2Page - Exxelia Group FELSIC125FRS Datasheet HTML 3Page - Exxelia Group FELSIC125FRS Datasheet HTML 4Page - Exxelia Group FELSIC125FRS Datasheet HTML 5Page - Exxelia Group FELSIC125FRS Datasheet HTML 6Page - Exxelia Group FELSIC125FRS Datasheet HTML 7Page - Exxelia Group FELSIC125FRS Datasheet HTML 8Page - Exxelia Group FELSIC125FRS Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ELECTROLYTIC ALUMINUM CAPACITORS
53
Revision 01/19
www.exxelia.com
Tel : + 33 (0)2 40 01 26 51
PEAK VOLTAGE (V)
1000 cycles, without ripple current
Up: Repetitive standard peak voltage (30 s)
Us: Repetitive surge voltage (0,1 s)
PERMISSIBLE RIPPLE CURRENT I (R.M.S. VALUE)
versus frequency ƒ:
CONNECTIONS IN SERIES:
Operating voltages exceeding 500 V up to 20000 V w Ill be reached
by connecting capacitors with rated voltages higher or equal to 350
V in series.
PERMISSIBLE REPETITIVE PEAK CURRENT Ip:
If given corresponding max r.m.s. currents are not exceed-ed, peak
current values are as follows:
UR
16 V
25 V
40 V
63 V
100 V
160 V
250 V
350 V
Up
18
29
46
72
115
184
288
385
Us
235
340
495
DIMENSIONS in mm (inches)
Ip
I~ max.
Ø
H
(A)
(A)
36
(1,417)
53
(2,087)
400
22
36
(1,417)
81
(3,189)
600
22
36
(1,417)
105
(4,134)
700
22
51
(2,008)
82
(3,228)
800
25
51
(2,008)
105
(4,134)
1100
25
66
(2,598)
105
(4,134)
1900
50
77
(3,031)
105
(4,134)
3100
55
77
(3,031)
145
(5,709)
4200
55
90
(3,543)
145
(5,709)
5700
80
Capacitance
(µF)
Can
ESR
100 Hz +20°C
Z
10 kHz
+20°C
max.
(mΩ)
Il
+20°C
5 min
max.
(mA)
I ~
100 Hz
Code
Ø
mm (inches)
H
mm (inches)
Typic
(mΩ)
max.
(mΩ)
+ 40°C
max.
(A)
+85°C
(A)
+125°C
(A)
CO 47
(BC)
CO 46
(BD)
Rated voltage 250 V
220
36
(1,417)
53
(2,087)
150
230
135
0,11
5,6
4,8
1,9
A 740320
A 741320
330
36
(1,417)
81
(3,189)
95
140
85
0,16
9,2
7
2,8
A 740321
A 741321
470
36
(1,417)
105
(4,134)
70
105
62
0,23
11
9,3
3,7
A 740322
A 741322
680
51
(2,008)
82
(3,228)
60
90
60
0,34
17
11
4,3
A 740323
A 741323
1500
51
(2,008)
105
(4,134)
30
50
30
0,75
25
17
6,9
A 740324
A 741324
2200
66
(2,598)
105
(4,134)
30
45
24
1,13
37
20
7,9
A 740325
A 741325
3300
77
(3,031)
105
(4,134)
15
23
15
1,65
55
30
12
A 740326
A 741326
4700
77
(3,031)
145
(5,709)
10
15
11
2,35
55
34
14
A 740327
A 741327
10000
90
(3,543)
145
(5,709)
8
12
10
4,50
80
41
17
A 740328
A 741328
Rated voltage 350 V
220
36
(1,417)
81
(3,189)
400
600
400
0,16
7
3,3
1,1
A 740340
A 741340
330
36
(1,417)
105
(4,134)
300
450
280
0,24
9
4,5
1,5
A 740341
A 741341
470
51
(2,008)
82
(3,228)
150
230
150
0,33
14
6,6
2,2
A 740342
A 741342
680
51
(2,008)
105
(4,134)
130
200
130
0,48
15
8,1
2,7
A 740343
A 741343
1000
51
(2,008)
105
(4,134)
80
120
80
0,70
19
10
3,4
A 740344
A 741344
1500
66
(2,598)
105
(4,134)
70
100
70
1,05
26
13
4,2
A 740345
A 741345
2200
77
(3,031)
105
(4,134)
40
60
40
1,50
37
18
6,1
A 740346
A 741346
3300
77
(3,031)
145
(5,709)
30
45
30
2,30
50
24
8,1
A 740347
A 741347
4700
90
(3,543)
145
(5,709)
15
25
20
3,30
78
39
13
A 740348
A 741348
6800
90
(3,543)
145
(5,709)
12
20
18
4,20
80
42
14
A 740349
A 741349
ƒ(Hz)
50
100
300
600
1 000
10 000
50 000
I
0,8 x I~
I~
1,2 x I~
1,3 x I~ 1,35 x I~ 1,5 x I~
1,6 x I~
FELSIC 125 FRS
3 500 h / 125°C
CO 46 - CO 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com