Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FELSIC125FRS Datasheet(PDF) 10 Page - Exxelia Group

Part # FELSIC125FRS
Description  3 500 h / 125°C
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

FELSIC125FRS Datasheet(HTML) 10 Page - Exxelia Group

Back Button FELSIC125FRS Datasheet HTML 5Page - Exxelia Group FELSIC125FRS Datasheet HTML 6Page - Exxelia Group FELSIC125FRS Datasheet HTML 7Page - Exxelia Group FELSIC125FRS Datasheet HTML 8Page - Exxelia Group FELSIC125FRS Datasheet HTML 9Page - Exxelia Group FELSIC125FRS Datasheet HTML 10Page - Exxelia Group FELSIC125FRS Datasheet HTML 11Page - Exxelia Group FELSIC125FRS Datasheet HTML 12Page - Exxelia Group FELSIC125FRS Datasheet HTML 13Page - Exxelia Group  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
11
ELECTROLYTIC ALUMINUM CAPACITORS
Revision 01/19
www.exxelia.com
Tel : + 33 (0)2 40 01 26 51
ELECTROLYTIC ALUMINUM CAPACITORS
11
Revision 01/19
www.exxelia.com
Tel : + 33 (0)2 40 01 26 51
8. INFORMATION ON APPLICATION
8.1. CLEANING SOLVENTS
Use aliphatic alcohols, such as denatured ethyl alcohol, isopropanol,
or butylacetate, or else alkaline d Iluted solutions. Avoid incompatible
solvents (halogenous for example).
8.2. SHELF LIFE
There is no electrical characteristics variation for long periods of stor-
age except leakage current which can increase.
It is caused by chemical reactions between the dielectric alumina
and the electrolyte. These reactions are reversible when switched on.
Capacitors can generally be stored at temperature between –5° and
+50°C without reforming for the following periods of time:
• For UR ≤ 100 V, storage time: ......................5 years
(up to 10 years under specific conditions)
• For 100 V < UR ≤ 360 V storage time: ........3 years
• For 360 V < UR < 500 V storage time: ..........1 year
• For UR ≤ 500 V, storage time: ................. 6 months
Generally when these periods are overstepped, one hour at rated volt-
age causes the decrease of leakage current under the specified lim-
its. An other way to avoid this leakage current increase problem is to
always limit ava Ilable power through capacitor during first seconds
or minutes after storage or transport, according to the following chart:
8.3. LOW PRESSURE RESISTANCE
EXXELIA capacitors can be used with ambient low pressure decreas-
ing up to 10 mbar (altitude 28000 m – 92000 feet).
8.4. MOUNTING SCREW TERMINALS CAPACITORS (FELSIC)
Capacitors may be used vertically (terminals on top) or horizontally.
When used horizontally, the following position in relation to the safety
vent, is recommended:
Mounting capacitors in series may be used for operating voltage ex-
ceeding UR. See FELSIC in bank.
8.5. MOUNTING SOLDER TYPE CAPACITORS.
They may be used in any position. During mounting, avoid applying
excessive force to capacitor pins or wires. There is a risk of damaging
internal connections.
After soldering and for the same reasons, do not try to move the ca-
pacitor's body.
8.6. ELECTROLYTES: SAFETY RULES.
Electrolytes used in EXXELIA capacitors are manufactured by
EXXELIA. Main solvents are generally butyrolactone and ethylene
glycol, very stable high boiling point solvents. Ionic conductive salts
in electrolyte induce a very weak acidity (pH 5 to 7).
8.7. ENVIRONMENT.
In aluminium capacitors with liquid electrolyte there is no component
showing a pollution risk, in small amounts, of air or water. EXXELIA is
always involved in this security field particularly in using chemicals
for electrolyte, without well-known risks.
• Dimethylformamide(DMF)dangeroussolventforbiddeninsev-
eral uses is completely excluded by EXXELIA,since 1990.
• Thereisnohalogencompoundsuchaschlorofluorocarbon(CFC
or FCKW in german) or polychlorobiphenyl (PCBPyralene) or
pentabromodiphenylether or octabromodiphenylether.
There is neither benzene, toluene or phenyl compound nor explosive
such as picric acid, nor asbestos in plastic covers. All the capacitors
made by EXXELIA since 1991, can be scrapped or used in raw materi-
als recycling processes without special care in compliance with Com-
munity rules.
EXXELIA aluminium capacitors with non-solid electrolyte are particu-
larly suitable for different kinds of environment taking in account se-
verity increasing laws.
European directives 2003/11/EC, 2002/96/EC (WEEE) and 2002/95/
EC (RoHS) applies to all EXXELIA capacitors including every solder
type, manufactured with pure tin coated pins or wires, since at least
January 2006.
Prominent negative polarity indicator [except Ø90 (3,543)]
General technical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com