Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FELSIC125FRS Datasheet(PDF) 8 Page - Exxelia Group

Part # FELSIC125FRS
Description  3 500 h / 125°C
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

FELSIC125FRS Datasheet(HTML) 8 Page - Exxelia Group

Back Button FELSIC125FRS Datasheet HTML 4Page - Exxelia Group FELSIC125FRS Datasheet HTML 5Page - Exxelia Group FELSIC125FRS Datasheet HTML 6Page - Exxelia Group FELSIC125FRS Datasheet HTML 7Page - Exxelia Group FELSIC125FRS Datasheet HTML 8Page - Exxelia Group FELSIC125FRS Datasheet HTML 9Page - Exxelia Group FELSIC125FRS Datasheet HTML 10Page - Exxelia Group FELSIC125FRS Datasheet HTML 11Page - Exxelia Group FELSIC125FRS Datasheet HTML 12Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
9
ELECTROLYTIC ALUMINUM CAPACITORS
Revision 01/19
www.exxelia.com
Tel : + 33 (0)2 40 01 26 51
ELECTROLYTIC ALUMINUM CAPACITORS
9
Revision 01/19
www.exxelia.com
Tel : + 33 (0)2 40 01 26 51
r.m.s. value according to current waveform.
6.4.3. Dissipated power versus case dimension
Forcalculationsofripplecurrents,consideringaninternaltemperature
rise of 10°C
P = ESR.I ²
P = Dissipated power (mW)
( i - a = 10°C)
ESR: Equivalent series resistance (100 Hz 20°C)
I: Ripple current (r.m.s. value at 100 Hz)
For different frequencies from 100 Hz, I must be multiplied by the
factor F, according to above chart.:
6.4.4. Thermal resistance Rth and air cooling
Rth is static thermal resistance (without cooling) between capacitor
central hot spot and ambient temperature measured at a distance of
one capacitor diameter
Forced or not cooling air can lead to a significant decrease of these
values.
Consequently, r.m.s. ripple current can be increased as a function of air
cooling speed:
Ø mm
(inches)
≤ 0,5 m/s
1 m/s
2 m/s
3 m/s
≥ 4 m/s
66 - 90
I~
1,1 I~
1,2 I~
1,25 I~
1,3 I~
36 - 51
I~
1,2 I~
1,4 I~
1,45 I~
1,5 I~
This parameter shall be applied to one capacitor alone.
For capacitors in bank, ambient temperature must be strictly equal
around all capacitors.
6.4.5. Quality guaranty
We guarantee products manufactured during 2 years from the data of
shipment against defaults of material and assembly.
This guaranty can be involved by the buyer only if our products are
used within normal conditions, always according to the state of the
art and taking in account storage conditions.
The equipment design should take into consideration possible failures
of our capacitors and related effects in order to avoid them.
Guaranty is not applicable for damages occurred by surge voltage,
irregular use, polarity inversion or maintenance default.
Guaranty is exclusively limited to the replacement of individual
defective capacitors within the terms of delivery. This rule applied to
all cases and particularly to any further consequence of failures.
6.4.6. Reliability
Failure rate:
FR =
Number of components tested x test duration
Number of failures
Failure rate is measured in FIT (failure in time = 10–9 / hour).
The failure rate is set up during the life time of the capacitor (phase II)
I. Early failure phase (generally excluded during ageing process).
II. Operational life time of the capacitors
III. End of life
Function
Mean value
R.m.s. value
A (t0/T)
A
gt0/T
A (t1/T)
A
g2t1/3T
A/2 (t0/T)
A
gt0/3T
Function
Mean value
R.m.s. value
A /2
A
g3
2A/ (t0/T)
A
gt0/2T
A/2 (t0/T)
A
gt0/3T
Function
Mean value
R.m.s. value
2A/
A /
g2
A /2
A /
g3
0
A
General technical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com