Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FELSIC125FRS Datasheet(PDF) 2 Page - Exxelia Group

Part # FELSIC125FRS
Description  3 500 h / 125°C
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

FELSIC125FRS Datasheet(HTML) 2 Page - Exxelia Group

  FELSIC125FRS Datasheet HTML 1Page - Exxelia Group FELSIC125FRS Datasheet HTML 2Page - Exxelia Group FELSIC125FRS Datasheet HTML 3Page - Exxelia Group FELSIC125FRS Datasheet HTML 4Page - Exxelia Group FELSIC125FRS Datasheet HTML 5Page - Exxelia Group FELSIC125FRS Datasheet HTML 6Page - Exxelia Group FELSIC125FRS Datasheet HTML 7Page - Exxelia Group FELSIC125FRS Datasheet HTML 8Page - Exxelia Group FELSIC125FRS Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ELECTROLYTIC ALUMINUM CAPACITORS
52
Revision 01/19
www.exxelia.com
Tel : + 33 (0)2 40 01 26 51
Capacitance
(µF)
Can
ESR
100 Hz +20°C
Z
10 kHz
+20°C
max.
(mΩ)
Il
+20°C
5 min
max.
(mA)
I ~
100 Hz
Code
Ø
mm (inches)
H
mm (inches)
Typic
(mΩ)
max.
(mΩ)
+ 40°C
max.
(A)
+85°C
(A)
+125°C
(A)
CO 47
(BC)
CO 46
(BD)
Rated voltage 16 V
10000
36
(1,417)
53
(2,087)
22
32
20
0,32
22
13
5,6
A 740200
A 741200
15000
36
(1,417)
81
(3,189)
18
26
16
0,48
22
17
7,5
A 740201
A 741201
22000
36
(1,417)
105
(4,134)
14
21
15
0,70
22
22
9,6
A 740202
A 741202
33000
51
(2,008)
82
(3,228)
12
18
12
1,05
25
25
11
A 740203
A 741203
47000
51
(2,008)
105
(4,134)
11
15
10
1,50
25
25
13
A 740204
A 741204
68000
66
(2,598)
105
(4,134)
10
14
10
2,18
50
35
15
A 740205
A 741205
100000
77
(3,031)
105
(4,134)
8
11
10
3,20
55
35
16
A 740206
A 741206
150000
77
(3,031)
145
(5,709)
7
10
9
4,80
55
41
20
A 740207
A 741207
Rated voltage 25 V
4700
36
(1,417)
53
(2,087)
22
50
25
0,23
22
13
5,6
A 740220
A 741220
10000
36
(1,417)
81
(3,189)
18
28
20
0,50
22
17
7,5
A 740221
A 741221
15000
36
(1,417)
105
(4,134)
17
25
20
0,75
22
20
8,7
A 740222
A 741222
22000
51
(2,008)
82
(3,228)
13
20
15
1,10
25
25
10
A 740223
A 741223
33000
51
(2,008)
105
(4,134)
11
16
12
1,65
25
25
13
A 740224
A 741224
47000
66
(2,598)
105
(4,134)
10
14
12
2,35
50
37
15
A 740225
A 741225
68000
77
(3,031)
105
(4,134)
7
10
8
3,40
55
37
17
A 740226
A 741226
100000
77
(3,031)
145
(5,709)
7
10
8
5,00
55
41
20
A 740227
A 741227
Rated voltage 40 V
4700
36
(1,417)
81
(3,189)
18
28
20
0,38
22
17
7,5
A 740241
A 741241
10000
36
(1,417)
105
(4,134)
17
25
17
0,80
22
20
8,7
A 740242
A 741242
15000
51
(2,008)
82
(3,228)
15
23
15
1,20
25
23
10
A 740243
A 741243
22000
51
(2,008)
105
(4,134)
11
17
12
1,76
25
25
13
A 740244
A 741244
33000
66
(2,598)
105
(4,134)
10
16
12
2,64
50
37
15
A 740245
A 741245
47000
77
(3,031)
105
(4,134)
7
10
10
3,76
55
37
17
A 740246
A 741246
68000
77
(3,031)
145
(5,709)
7
10
8
5,44
55
41
20
A 740247
A 741247
Rated voltage 63 V
2200
36
(1,417)
53
(2,087)
36
54
40
0,27
20
10
4,4
A 740260
A 741260
3300
36
(1,417)
81
(3,189)
25
38
25
0,41
22
15
6,4
A 740261
A 741261
4700
36
(1,417)
105
(4,134)
22
32
22
0,59
22
18
7,6
A 740262
A 741262
6800
51
(2,008)
82
(3,228)
15
22
16
0,86
25
23
10
A 740263
A 741263
10000
51
(2,008)
105
(4,134)
11
16
11
1,26
25
25
13
A 740264
A 741264
15000
66
(2,598)
105
(4,134)
10
15
10
1,89
50
37
15
A 740265
A 741265
22000
77
(3,031)
105
(4,134)
7
11
8
2,77
55
37
16
A 740266
A 741266
33000
77
(3,031)
145
(5,709)
6
10
8
4,16
55
44
18
A 740267
A 741267
100000
90
(3,543)
145
(5,709)
4
10
8
10,00
80
65
24
A 740268
A 741268
Rated voltage 100 V
1000
36
(1,417)
53
(2,087)
70
115
75
0,20
14
7,3
3,1
A 740280
A 741280
2200
36
(1,417)
81
(3,189)
40
60
40
0,44
22
12
5
A 740281
A 741281
3300
51
(2,008)
82
(3,228)
30
45
30
0,66
25
16
7,1
A 740283
A 741283
4700
51
(2,008)
105
(4,134)
27
40
24
0,94
25
19
8,4
A 740284
A 741284
6800
66
(2,598)
105
(4,134)
21
27
20
1,36
50
25
11
A 740285
A 741285
10000
77
(3,031)
105
(4,134)
14
21
15
2,00
55
29
13
A 740286
A 741286
15000
77
(3,031)
145
(5,709)
10
15
12
3,00
55
35
17
A 740287
A 741287
47000
90
(3,543)
145
(5,709)
4
10
8
9,00
80
65
24
A 740288
A 741288
Rated voltage 160 V
470
36
(1,417)
53
(2,087)
120
180
100
0,15
9
5,2
2,1
A 740300
A 741300
680
36
(1,417)
81
(3,189)
70
105
50
0,21
14
8,3
3,3
A 740301
A 741301
1000
36
(1,417)
105
(4,134)
50
75
35
0,32
19
11
4,4
A 740302
A 741302
1500
51
(2,008)
82
(3,228)
45
65
30
0,48
23
12
5
A 740303
A 741303
2200
51
(2,008)
105
(4,134)
30
45
27
0,70
25
17
6,9
A 740304
A 741304
3300
66
(2,598)
105
(4,134)
25
35
21
1,05
42
21
8,7
A 740305
A 741305
4700
77
(3,031)
105
(4,134)
16
24
18
1,50
53
29
11
A 740306
A 741306
6800
77
(3,031)
145
(5,709)
12
18
12
2,18
55
39
15
A 740307
A 741307
22000
90
(3,543)
145
(5,709)
4
10
8
7,00
80
65
24
A 740308
A 741308
FELSIC 125 FRS
CO 46 - CO 47
3 500 h / 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com