Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FELSIC125FRS Datasheet(PDF) 7 Page - Exxelia Group

Part # FELSIC125FRS
Description  3 500 h / 125°C
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

FELSIC125FRS Datasheet(HTML) 7 Page - Exxelia Group

Back Button FELSIC125FRS Datasheet HTML 3Page - Exxelia Group FELSIC125FRS Datasheet HTML 4Page - Exxelia Group FELSIC125FRS Datasheet HTML 5Page - Exxelia Group FELSIC125FRS Datasheet HTML 6Page - Exxelia Group FELSIC125FRS Datasheet HTML 7Page - Exxelia Group FELSIC125FRS Datasheet HTML 8Page - Exxelia Group FELSIC125FRS Datasheet HTML 9Page - Exxelia Group FELSIC125FRS Datasheet HTML 10Page - Exxelia Group FELSIC125FRS Datasheet HTML 11Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
8
ELECTROLYTIC ALUMINUM CAPACITORS
Revision 01/19
www.exxelia.com
Tel : + 33 (0)2 40 01 26 51
ELECTROLYTIC ALUMINUM CAPACITORS
8
Revision 01/19
www.exxelia.com
Tel : + 33 (0)2 40 01 26 51
5. SPECIFICATION TO APPLY
Electrolytic aluminum capacitors are defined in:
• NF and UTE French national standard
• CECC European specifications
• IEC international specifications
Quality insurance procedures are described in these specifications.
6. ENDURANCE TESTS / LIFE TIME
6.1. STANDARD ENDURANCE TEST
at max category temperature:
Standard endurance tests do not exceed 2000 hours at 125°C. However,
present EXXELIA technologies concerning liquid electrolytes have led
to endurance tests up to 5000 hours at 125°C (PRORELSIC 125 - FELSIC
125 RS) and even 20000 hours at 125°C (PRORELSIC 145 - ALSIC 145)
6.2. PERFORMANCE REQUIREMENTS ON STANDARD ENDURANCE TESTS.
Permissible capacitance drift ∆C/C (%)
Permissible increase factors on Tan , ESR, Z and Il initial values
(1) Tan or ESR: for initial value, take standard value.
(2) Z: for initial value, take specified value (see data sheet ).
Specific requirements can be taken into consideration with regards
to initial values of dissipation factor or equivalent series resistance
and impedance.
French
European
International
Generic specification
Fixed capacitors
NF C 83 100
CECC 30 000
EN 130 000
IEC 60 384 -1
QC 300 000
Sectional specification
Electrolytic aluminum capacitors
NF C 83 110
CECC 30 300
IEC 60 384 - 4
C 300 300
Blank deta Il specification -
Electrolytic aluminum capacitors
with non solid electrolyte.
UTE 83 110
CECC 30 301
IEC 60 384 - 4 -1
QC 300 301
Blank deta Il specifications
CECC 30 301- 017 to
CECC 30 301- 062
CO 31 to CO 55
CECC 30 301- 017 to
CECC 30 301- 062
CECC 30 301- 802 to
CECC 30 301- 811
Temperature
Endurance test
Grade I - Long life
Grade II - General purpose
10 000 h
5 000 h
2 000 h
1 000 h
125°C
•
105°C
•
•
•
85°C
•
•
•
•
UR
Endurance test
Grade I
Grade II
10 000 h
5 000 h
2 000 h
1 000 h
6,3 V
+15 –30
+25 –40
10 V - 35 V
+15 –20
±15
±15
±30
40 V - 160 V
±15
±15
±15
±30
> 160 V
±15
±10
±10
±15
Endurance test
Grade I
Grade II
10 000 h
5 000 h
2 000 h
1 000 h
Tan or ESR (1)
1,5
1,3
1,3
1,5
Z (2)
3
2
2
3
Il
Standard values
6.3. FAILURE CRITERIA FOR ELECTROLYTIC CAPACITORS.
Failure criteria are defined in CECC 30 301
• Non measurable defaults leading to complete failure.
• Measurable defaults leading to adjustment losses of the
load circuit (failure due to variations).
6.3.1. Non measurable defaults.
They might be summed up as:
• Open circuit
• Short circuit
• Operation of pressure relief device
• Severely damaged insulation
• Unusable terminations
6.3.2. Measurable defaults.
Variations exceeding the values given below characterize a default.
• Capacitance drift ∆C/C (%): 3 times the limit for standard
endurance testing or 50 % (whichever is the smallest).
• Tan or ESR: 3 times standard max initial values.
• Z: 3 times standard max initial values.
• Il: initial limit (under load conditions).
Specific requirements can be taken into consideration with regards
to lower drifts.
6.4. INFLUENCE OF MAIN PARAMETER ON OPERATIONAL LIFE.
6.4.1. Temperature.
The capacitors operational life is highly dependent upon its internal
temperature i and therefore upon the ambient temperature and the
ripple current.
Knowing ESR and dissipated power values (§ 6.4.3.) one can figure
out, the internal temperature rise and then determine the capacitors
expected life.
With present high boiling point electrolytes (§ 8.6)
i max = 125 to 185°C depending on styles.
6.4.2. Ripple current.
The ripple current flowing through the capacitor increase the internal
temperature through power dissipation.
Standards define the permissible current at 100 Hz and generally
consider a temperature rise of 5 to 10°C of max category temperature.
Current waveforms and frequencies make it difficult to clearly
determine the capacitors internal temperature rise, which defines
the operationally life.
Experiments confirm following relationship:
i = a + ( c - a) K
Where:
• i = Internal hot spot temperature
• a = Ambient temperature
• c = Case temperature
• K = Parameter depending upon case diameter and cooling
Ø ≥ 51 k = 2 ± 0,5
Ø < 51 k = 1,5 ± 0,5
(air cooling - 0,2 m/s)
General technical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com