Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FELSIC125FRS Datasheet(PDF) 1 Page - Exxelia Group

Part # FELSIC125FRS
Description  3 500 h / 125°C
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

FELSIC125FRS Datasheet(HTML) 1 Page - Exxelia Group

  FELSIC125FRS Datasheet HTML 1Page - Exxelia Group FELSIC125FRS Datasheet HTML 2Page - Exxelia Group FELSIC125FRS Datasheet HTML 3Page - Exxelia Group FELSIC125FRS Datasheet HTML 4Page - Exxelia Group FELSIC125FRS Datasheet HTML 5Page - Exxelia Group FELSIC125FRS Datasheet HTML 6Page - Exxelia Group FELSIC125FRS Datasheet HTML 7Page - Exxelia Group FELSIC125FRS Datasheet HTML 8Page - Exxelia Group FELSIC125FRS Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ELECTROLYTIC ALUMINUM CAPACITORS
51
Revision 01/19
www.exxelia.com
Tel : + 33 (0)2 40 01 26 51
16 V ... 350 V
220 µF ... 150 000 µF
Ø 36 (1,417) ... Ø 90 (3,543)
– 55°C + 125°C
Long Life Time
APPLICATIONS
• Power electronics: converters, current inverters
• Switch mode power supplies
• Magnetization, welding machines, flash
• Circuit with high impulse current
Fixing: Clip or stud fixing
Screw terminals: M5 or M6
Tolerance on capacitance at 20°C: –10 +30 %
Operating temperature
: – 55°C +125°C
SPECIFICATIONS
NFC 83 110 - Models CO 46, CO 47 - Long life
DIN 41 240 - Climatic category FKD – 55°C + 125°C / 56 days
CECC 30301-804 Issue 2
IEC 60 384.4 long life
Standard endurance test at UR: 2000 h / 125°C
WITHSTAND STRENGTH OF INSULATING SLEEVE
Insulation resistance at 20°C between terminals and mounting
hardware: 100 MΩ
Testvoltageat50Hz1min.betweenterminalsandmountinghardware:
3500 V
Fire resistance: self extinguish 30 s (IEC 60 695-2-2) without PVC
FELSIC 125 FRS
3 500 h / 125°C
CO 46 - CO 47
RESISTANCE TO VIBRATIONS
Hb mm (inches)
>150 (5,906)
≤150 (5,906)
ƒ (Hz)
10 –55 Hz
10 - 2000 Hz
Amplitude
0,75 (0,030)
1,5 (0,059)
Acceleration
10 g - 98 m/s²
20 g - 196 m/s²
t (h)
3 x 2 h
3 x 2 h
DIMENSIONS in mm (inches)
Ø ±1 (0,039)
H ±2 (0,079)
Hb ±2 (0,079)
C ±0,5 (0,020)
b
36 (1,417) 53 (2,087) 58 (2,283) 12,7 (0,500) M5
8
(0,315)
36 (1,417) 81 (3,189) 86 (3,386) 12,7 (0,500) M5
8
(0,315)
36 (1,417) 105 (4,134) 110 (4,331) 12,7 (0,500) M5
8
(0,315)
51 (2,008) 82 (3,228) 87 (3,425) 22,2 (0,874)
M5
13 (0,512)
51 (2,008) 105 (4,134) 110 (4,331) 22,2 (0,874)
M5
13 (0,512)
66 (2,598) 105 (4,134) 110 (4,331) 28,5 (1,122)
M5
13 (0,512)
77 (3,031) 105 (4,134) 110 (4,331) 31,7 (1,248)
M5
13 (0,512)
77 (3,031) 145 (5,709) 150 (5,906) 31,7 (1,248)
M5
13 (0,512)
90 (3,543) 145 (5,709) 151 (5,945) 31,7 (1,248)
M6
13 (0,512)
BC
Insulated aluminum can
Hexagonal screws
Spring washers
Fixing clip must be ordered
separately
BD
Aluminum can with sleeve
Hexagonal screws
Spring washers
Stud fixing delivered with capacitor
(steel hex nut, spring washer)
Ø
d
l
Max. nut torque
36 (1,417)
M8
12±1 (0,472±0,472)
4 Nm
≥ 51 (2,008)
M12
16±1,5 (0,630±0,059)
10 Nm
HEXAGONAL SCREWS mm (inches)
Screwing height between screws and terminals:
3,5 (0,138) max
Max. screw torque:
M5: 3 Nm [x min 8 (0,315)]
M6: 6 Nm [x min 10 (0,394)]


Similar Part No. - FELSIC125FRS

ManufacturerPart #DatasheetDescription
logo
Exxelia Group
FELSIC105 EXXELIA-FELSIC105 Datasheet
663Kb / 13P
8 000 h / 105°C
Revision 01/19
FELSIC105LP EXXELIA-FELSIC105LP Datasheet
629Kb / 11P
8 000 h / 105°C
Revision 01/19
FELSIC105TFRS EXXELIA-FELSIC105TFRS Datasheet
631Kb / 12P
8 000 h / 105°C
Revision 01/19
More results

Similar Description - FELSIC125FRS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OP23 ETC-OP23 Datasheet
66Kb / 2P
c-H-RAS
logo
Adels-Contact
122203 ADELS-122203 Datasheet
117Kb / 2P
500/ 3 31
13/01/2020
123203 ADELS-123203 Datasheet
117Kb / 2P
500/ 3 35
124403 ADELS-124403 Datasheet
117Kb / 2P
500 LRZ/ 3
196003 ADELS-196003 Datasheet
118Kb / 1P
500/ 3 ZEL
logo
Kemet Corporation
A768EB127M1DLAE034 KEMET-A768EB127M1DLAE034 Datasheet
961Kb / 18P
A768 125°C
9/26/2022
logo
Exxelia Group
CUBISICHTLP EXXELIA-CUBISICHTLP Datasheet
119Kb / 3P
5 000 h / 125°C
Revision 04/22
PRORELSIC125 EXXELIA-PRORELSIC125 Datasheet
651Kb / 15P
5 000 h / 125°C
Revision 01/19
SNAPSIC125 EXXELIA-SNAPSIC125 Datasheet
594Kb / 12P
8 000 h / 125°C
Revision 01/19
VACSIC150 EXXELIA-VACSIC150 Datasheet
582Kb / 12P
1 500 h / 150°C
Revision 01/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com