Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FELSIC125FRS Datasheet(PDF) 13 Page - Exxelia Group

Part # FELSIC125FRS
Description  3 500 h / 125°C
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

FELSIC125FRS Datasheet(HTML) 13 Page - Exxelia Group

Back Button FELSIC125FRS Datasheet HTML 5Page - Exxelia Group FELSIC125FRS Datasheet HTML 6Page - Exxelia Group FELSIC125FRS Datasheet HTML 7Page - Exxelia Group FELSIC125FRS Datasheet HTML 8Page - Exxelia Group FELSIC125FRS Datasheet HTML 9Page - Exxelia Group FELSIC125FRS Datasheet HTML 10Page - Exxelia Group FELSIC125FRS Datasheet HTML 11Page - Exxelia Group FELSIC125FRS Datasheet HTML 12Page - Exxelia Group FELSIC125FRS Datasheet HTML 13Page - Exxelia Group  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
14
ELECTROLYTIC ALUMINUM CAPACITORS
Revision 01/19
www.exxelia.com
Tel : + 33 (0)2 40 01 26 51
ELECTROLYTIC ALUMINUM CAPACITORS
14
Revision 01/19
www.exxelia.com
Tel : + 33 (0)2 40 01 26 51
General technical data
2. PACKAGING ON TAPE
2.1. Axial types
Dimensions and tolerance in accordance with IEC 60 286-
(1) On tape only on request
(2) n = number of capacitors per reel.
White positive tapeƒ: > 20 mm (0,787 inches)
P: 10 space
6±0,5
(0,236±0,020)
6±0,5
(0,236±0,020)
Ø 25 (0,984)
1,5 max.
(0,059)
DIMENSIONS in mm (inches)
D
L max.
B
A
P
C max.
W1
W2 max.
W
n (2)
6,5 (0,256)
8,5 (0,335) (1)
20 (0,787)
73±1,5
(2,874± 0,059)
10±1,5
(0,394± 0,059)
± 2 (0,079)
87,5 (3,445)
93 (3,661)
106 (3,661)
85±1,5
(3,346± 0,059)
1000 (39,370)
750 (29,528)
10 (0,394) (1)
12 (0,472) (1)
14 (0,551) (1)
32 (1,260)
73±1,5
(2,874± 0,059)
15±1,5
(0,591± 0,059)
± 3 (0,118)
87,5 (3,445)
93 (3,661)
106 (3,661)
85±1,5
(3,346± 0,059)
400 (15,748)
400 (15,748)
200 (7,874)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com