Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLI4971 Datasheet (PDF) - Infineon Technologies AG

TLI4971 Datasheet PDF - Infineon Technologies AG
Part # TLI4971
Download  TLI4971 Download
File Size   1356.77 Kbytes
Page   20 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description TLI4971 high precision coreless current sensor for industrial applications in 8x8mm SMD package

TLI4971 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLI4971 Datasheet PDF - Infineon Technologies AG

Part # TLI4971
Download  TLI4971 Click to download

File Size   1356.77 Kbytes
Page   20 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description TLI4971 high precision coreless current sensor for industrial applications in 8x8mm SMD package

TLI4971 Datasheet (HTML) - Infineon Technologies AG


TLI4971 Product details

Features & Benefits
 Integrated current rail with typical 220μΩ insertion
resistance enables ultra-low power loss
 Less than 1nH parasitic inductance of integrated
current rail enables wide bandgap design
 Bandwidth of 240kHz enables wide range of
applications
 8x8mm form factor
 Very low sensitivity error over temperature
 Galvanic functional isolation up to 1150V
 VISO 3500V RMS agency type-tested for 60 seconds
per UL1577
 Differential sensing principle
 Two independent ultrafast Over Current Detection outputs




Similar Part No. - TLI4971

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLI4971 INFINEON-TLI4971 Datasheet
1Mb / 19P
TLI4971 high precision coreless current sensor for industrial applications in 8x8mm SMD package
Revision 1.1 09-03-2020
TLI4971-A025T5-E0001 INFINEON-TLI4971-A025T5-E0001 Datasheet
15Mb / 91P
Sensor solutions for automotive, industrial and consumer applications
TLI4971-A025T5-U-E0001 INFINEON-TLI4971-A025T5-U-E0001 Datasheet
15Mb / 91P
Sensor solutions for automotive, industrial and consumer applications
TLI4971-A050T5-E0001 INFINEON-TLI4971-A050T5-E0001 Datasheet
15Mb / 91P
Sensor solutions for automotive, industrial and consumer applications
TLI4971-A050T5-U-E0001 INFINEON-TLI4971-A050T5-U-E0001 Datasheet
15Mb / 91P
Sensor solutions for automotive, industrial and consumer applications
More results


Similar Description - TLI4971

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLI4970-D025T4 INFINEON-TLI4970-D025T4_15 Datasheet
2Mb / 29P
High precision miniature coreless magnetic current sensor for AC
Rev. 1.0, 2015-07-02
TLI4970-D050T4 INFINEON-TLI4970-D050T4 Datasheet
2Mb / 29P
High precision miniature coreless magnetic current sensor for AC
Rev. 1.0, 2014-11-21
logo
Asahi Kasei Microsystem...
CQ-330E AKM-CQ-330E Datasheet
557Kb / 19P
High-Speed Response Coreless Current Sensor
CQ-3202 AKM-CQ-3202 Datasheet
620Kb / 19P
High-Speed Response Coreless Current Sensor
CQ-3203 AKM-CQ-3203 Datasheet
620Kb / 19P
High-Speed Response Coreless Current Sensor
logo
Infineon Technologies A...
TLI4971 INFINEON-TLI4971 Datasheet
1Mb / 19P
TLI4971 high precision coreless current sensor for industrial applications in 8x8mm SMD package
Revision 1.1 09-03-2020
TLE4972-AE35D5 INFINEON-TLE4972-AE35D5 Datasheet
690Kb / 20P
TLE4972 high precision coreless current sensor for automotive applications
Rev. 1.01 29-09-2021
TLE4972-AE35S5 INFINEON-TLE4972-AE35S5 Datasheet
798Kb / 20P
TLE4972 high precision coreless current sensor for automotive applications
Rev. 1.01 29-09-2021
TLE4971 INFINEON-TLE4971 Datasheet
663Kb / 23P
TLE4971 high precision coreless current sensor for automotive applications in 8x8mm SMD package
Revision 1.02 19-08-2022
TLE4973-XE35X5-S0001 INFINEON-TLE4973-XE35X5-S0001 Datasheet
888Kb / 31P
XENSIV™ high accuracy coreless current sensor for external current rail applications
Rev. 2.0.0 2023-07-04
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com