Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4971 Datasheet (PDF) - Infineon Technologies AG

TLE4971 Datasheet PDF - Infineon Technologies AG
Part # TLE4971
Download  TLE4971 Download
File Size   663.58 Kbytes
Page   23 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description TLE4971 high precision coreless current sensor for automotive applications in 8x8mm SMD package

TLE4971 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4971 Datasheet PDF - Infineon Technologies AG

Part # TLE4971
Download  TLE4971 Click to download

File Size   663.58 Kbytes
Page   23 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description TLE4971 high precision coreless current sensor for automotive applications in 8x8mm SMD package

TLE4971 Datasheet (HTML) - Infineon Technologies AG


TLE4971 Product details

Features & Benefits
• Integrated current rail with typical 220μΩ insertion
resistance enables ultra-low power loss
• Less than 1nH parasitic inductance
• Smallest form factor, 8x8mm SMD, for easy
integration and board area saving
• High accurate, scalable, DC & AC current sensing
• 210kHz bandwidth enables wide range of
applications
• Very low sensitivity error over temperature
• Galvanic functional isolation up to 1150V peak VIORM

Description
TLE4971 is a high precision miniature coreless
magnetic current sensor for AC and DC
measurements with analog interface and two fast
over-current detection outputs.
Infineon's well-established and robust monolithic
Hall technology enables accurate and highly linear
measurement of currents with a full scale up to
±120A. The sensor is equipped with internal selfdiagnostic
feature.
Typical applications are Onboard Chargers as well
as any kind of Drives.
The differential measurement principle allows
great stray field suppression for operation in
harsh environments.
Two separate interface pins (OCD) provide a fast
output signal in case a current exceeds a pre-set
threshold.
The sensor is shipped as a fully calibrated product
without requiring any customer end-of-line
calibration.
All user-programmable parameters such as OCD
thresholds, blanking times and output configuration
modes are stored in an embedded EEPROM
memory.




Similar Part No. - TLE4971

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4972-AE35D5 INFINEON-TLE4972-AE35D5 Datasheet
690Kb / 20P
TLE4972 high precision coreless current sensor for automotive applications
Rev. 1.01 29-09-2021
TLE4972-AE35S5 INFINEON-TLE4972-AE35S5 Datasheet
798Kb / 20P
TLE4972 high precision coreless current sensor for automotive applications
Rev. 1.01 29-09-2021
TLE4973 INFINEON-TLE4973 Datasheet
1Mb / 12P
TLE4973 Bootkit Evaluation Kit Getting Started
2023.06.12
TLE4973-AE35D5-S0001 INFINEON-TLE4973-AE35D5-S0001 Datasheet
888Kb / 31P
XENSIV™ high accuracy coreless current sensor for external current rail applications
Rev. 2.0.0 2023-07-04
TLE4973-AE35S5-S0001 INFINEON-TLE4973-AE35S5-S0001 Datasheet
888Kb / 31P
XENSIV™ high accuracy coreless current sensor for external current rail applications
Rev. 2.0.0 2023-07-04
More results


Similar Description - TLE4971

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLI4970-D025T4 INFINEON-TLI4970-D025T4_15 Datasheet
2Mb / 29P
High precision miniature coreless magnetic current sensor for AC
Rev. 1.0, 2015-07-02
TLI4970-D050T4 INFINEON-TLI4970-D050T4 Datasheet
2Mb / 29P
High precision miniature coreless magnetic current sensor for AC
Rev. 1.0, 2014-11-21
logo
Asahi Kasei Microsystem...
CQ-330E AKM-CQ-330E Datasheet
557Kb / 19P
High-Speed Response Coreless Current Sensor
CQ-3202 AKM-CQ-3202 Datasheet
620Kb / 19P
High-Speed Response Coreless Current Sensor
CQ-3203 AKM-CQ-3203 Datasheet
620Kb / 19P
High-Speed Response Coreless Current Sensor
logo
Infineon Technologies A...
TLI4971 INFINEON-TLI4971 Datasheet
1Mb / 19P
TLI4971 high precision coreless current sensor for industrial applications in 8x8mm SMD package
Revision 1.1 09-03-2020
TLE4972-AE35D5 INFINEON-TLE4972-AE35D5 Datasheet
690Kb / 20P
TLE4972 high precision coreless current sensor for automotive applications
Rev. 1.01 29-09-2021
TLE4972-AE35S5 INFINEON-TLE4972-AE35S5 Datasheet
798Kb / 20P
TLE4972 high precision coreless current sensor for automotive applications
Rev. 1.01 29-09-2021
TLI4971 INFINEON-TLI4971_V01 Datasheet
1Mb / 20P
TLI4971 high precision coreless current sensor for industrial applications in 8x8mm SMD package
Rev. 1.30 01-12-2021
TLE4973-XE35X5-S0001 INFINEON-TLE4973-XE35X5-S0001 Datasheet
888Kb / 31P
XENSIV™ high accuracy coreless current sensor for external current rail applications
Rev. 2.0.0 2023-07-04
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com