Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4971 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE4971
Description  TLE4971 high precision coreless current sensor for automotive applications in 8x8mm SMD package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4971 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE4971 Datasheet HTML 1Page - Infineon Technologies AG TLE4971 Datasheet HTML 2Page - Infineon Technologies AG TLE4971 Datasheet HTML 3Page - Infineon Technologies AG TLE4971 Datasheet HTML 4Page - Infineon Technologies AG TLE4971 Datasheet HTML 5Page - Infineon Technologies AG TLE4971 Datasheet HTML 6Page - Infineon Technologies AG TLE4971 Datasheet HTML 7Page - Infineon Technologies AG TLE4971 Datasheet HTML 8Page - Infineon Technologies AG TLE4971 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Datasheet
4
Revision 1.02
19-08-2022
TLE4971
Datasheet
Absolute Maximum Ratings
Table 2 Absolute Maximum Ratings
General conditions (unless otherwise specified): VDD = 3.3V; TS = -40°C … +125°C
Parameter
Symbol
Min
Typ
Max
Unit
Note /
Test Condition
Supply voltage
VDD
-0.3
3.3
3.6
V
-
-
6.5
V
duration < 1 minute
Primary nominal rated
current LF1)
IPNRLF
-70
-
70
A
Peak, frequency < 10Hz.
Tested on Infinenon reference
PCB (see related application
note: AppNote TLx4971 PCB)
Primary nominal rated
current HF2)
IPNRHF
-70
-
70
A
RMS, frequency ≥ 10Hz.
Tested on Infinenon reference
PCB (see related application
note: AppNote TLx4971 PCB)
Primary current
IPNS
-250
-
250
A
Single peak for 10µs,
10 assertions per lifetime
Voltage on interface pins
VREF, OCD1, AOUT
VIO
-0.3
-
VDD + 0.3
V
Voltage on Interface pin
OCD2
VIO_OCD2
-0.3
-
21
V
ESD voltage3)
VESD_HBM
-2
-
2
kV
ESD voltage4)
VESD_SYS
-16
-
16
kV
In the application circuit
Voltage slew-rate on
current rail
ΔV/dt
-
-
10
V/ns
Maximum junction
temperature
Tj_max
-
-
130
°C
Storage temperature
TA_STORE
-40
-
150
°C
Life time
LT
15
-
-
Years
Considering continuous
operation with TS = 70°C
and I = 30 A RMS
1)
Tested with primary nominal rated current of 70A peak on Infineon reference PCB at Low Frequency (LF).
Thermal equilibrium reached after 2 min.
2)
Tested with primary nominal rated current of 70A rms on Infineon reference PCB at High Frequency (HF).
Thermal equilibrium reached after 2 min.
3)
Human Body Model (HBM), according to standard AEC-Q 100-002
4)
According to standard IEC 61000−4−2 electrostatic discharge immunity test
Stress above the limit values listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability. Maximum ratings are absolute
ratings. Exceeding only one of these values may cause irreversible damage to the integrated circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com