Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4971 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4971
Description  TLE4971 high precision coreless current sensor for automotive applications in 8x8mm SMD package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4971 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4971 Datasheet HTML 1Page - Infineon Technologies AG TLE4971 Datasheet HTML 2Page - Infineon Technologies AG TLE4971 Datasheet HTML 3Page - Infineon Technologies AG TLE4971 Datasheet HTML 4Page - Infineon Technologies AG TLE4971 Datasheet HTML 5Page - Infineon Technologies AG TLE4971 Datasheet HTML 6Page - Infineon Technologies AG TLE4971 Datasheet HTML 7Page - Infineon Technologies AG TLE4971 Datasheet HTML 8Page - Infineon Technologies AG TLE4971 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Datasheet
Please read the Important Notice and Warnings at the end of this document
Revision 1.02
www.infineon.com
19-08-2022
TLE4971 high precision coreless current sensor for
automotive applications in 8x8mm SMD package
Features & Benefits
• Integrated current rail with typical 220µΩ insertion
resistance enables ultra-low power loss
• Less than 1nH parasitic inductance
• Smallest form factor, 8x8mm SMD, for easy
integration and board area saving
• High accurate, scalable, DC & AC current sensing
• 210kHz bandwidth enables wide range of
applications
• Very low sensitivity error over temperature
• Galvanic functional isolation up to 1150V peak VIORM
s
Coreless current sensor in PG-TISON-8 package
Description
TLE4971 is a high precision miniature coreless
magnetic current sensor for AC and DC
measurements with analog interface and two fast
over-current detection outputs.
Infineon's well-established and robust monolithic
Hall technology enables accurate and highly linear
measurement of currents with a full scale up to
±120A. The sensor is equipped with internal self-
diagnostic feature.
Typical applications are Onboard Chargers as well
as any kind of Drives.
The differential measurement principle allows
great stray field suppression for operation in
harsh environments.
Two separate interface pins (OCD) provide a fast
output signal in case a current exceeds a pre-set
threshold.
The sensor is shipped as a fully calibrated product
without requiring any customer end-of-line
calibration.
All user-programmable parameters such as OCD
thresholds, blanking times and output configuration
modes are stored in an embedded EEPROM
memory.
Order Information
Product Name
Product Type
Marking
Ordering Code
Package
TLE4971-A120N5-E0001
120A range
H71E1A1_N SP005737183
PG-TISON-8-5
TLE4971-A075N5-E0001
75A range
H71E3A1_N SP005737179
PG-TISON-8-5
TLE4971-A050N5-E0001
50A range
H71E4A1_N SP005737136
PG-TISON-8-5
TLE4971-A025N5-E0001
25A range
H71E6A1_N SP005737132
PG-TISON-8-5
TLE4971-A120N5-U-E0001 120A range, UL-certified
H71E1A1UN SP005737204
PG-TISON-8-5
TLE4971-A075N5-U-E0001 75A range, UL-certified
H71E3A1UN SP005737200
PG-TISON-8-5
TLE4971-A050N5-U-E0001 50A range, UL-certified
H71E4A1UN SP005737196
PG-TISON-8-5
TLE4971-A025N5-U-E0001 25A range, UL-certified
H71E6A1UN SP005737188
PG-TISON-8-5


Similar Part No. - TLE4971

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4972-AE35D5 INFINEON-TLE4972-AE35D5 Datasheet
690Kb / 20P
TLE4972 high precision coreless current sensor for automotive applications
Rev. 1.01 29-09-2021
TLE4972-AE35S5 INFINEON-TLE4972-AE35S5 Datasheet
798Kb / 20P
TLE4972 high precision coreless current sensor for automotive applications
Rev. 1.01 29-09-2021
TLE4973 INFINEON-TLE4973 Datasheet
1Mb / 12P
TLE4973 Bootkit Evaluation Kit Getting Started
2023.06.12
TLE4973-AE35D5-S0001 INFINEON-TLE4973-AE35D5-S0001 Datasheet
888Kb / 31P
XENSIV™ high accuracy coreless current sensor for external current rail applications
Rev. 2.0.0 2023-07-04
TLE4973-AE35S5-S0001 INFINEON-TLE4973-AE35S5-S0001 Datasheet
888Kb / 31P
XENSIV™ high accuracy coreless current sensor for external current rail applications
Rev. 2.0.0 2023-07-04
More results

Similar Description - TLE4971

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLI4970-D025T4 INFINEON-TLI4970-D025T4_15 Datasheet
2Mb / 29P
High precision miniature coreless magnetic current sensor for AC
Rev. 1.0, 2015-07-02
TLI4970-D050T4 INFINEON-TLI4970-D050T4 Datasheet
2Mb / 29P
High precision miniature coreless magnetic current sensor for AC
Rev. 1.0, 2014-11-21
logo
Asahi Kasei Microsystem...
CQ-330E AKM-CQ-330E Datasheet
557Kb / 19P
High-Speed Response Coreless Current Sensor
CQ-3202 AKM-CQ-3202 Datasheet
620Kb / 19P
High-Speed Response Coreless Current Sensor
CQ-3203 AKM-CQ-3203 Datasheet
620Kb / 19P
High-Speed Response Coreless Current Sensor
logo
Infineon Technologies A...
TLI4971 INFINEON-TLI4971 Datasheet
1Mb / 19P
TLI4971 high precision coreless current sensor for industrial applications in 8x8mm SMD package
Revision 1.1 09-03-2020
TLE4972-AE35D5 INFINEON-TLE4972-AE35D5 Datasheet
690Kb / 20P
TLE4972 high precision coreless current sensor for automotive applications
Rev. 1.01 29-09-2021
TLE4972-AE35S5 INFINEON-TLE4972-AE35S5 Datasheet
798Kb / 20P
TLE4972 high precision coreless current sensor for automotive applications
Rev. 1.01 29-09-2021
TLI4971 INFINEON-TLI4971_V01 Datasheet
1Mb / 20P
TLI4971 high precision coreless current sensor for industrial applications in 8x8mm SMD package
Rev. 1.30 01-12-2021
TLE4973-XE35X5-S0001 INFINEON-TLE4973-XE35X5-S0001 Datasheet
888Kb / 31P
XENSIV™ high accuracy coreless current sensor for external current rail applications
Rev. 2.0.0 2023-07-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com