Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4971 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE4971
Description  TLE4971 high precision coreless current sensor for automotive applications in 8x8mm SMD package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4971 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE4971 Datasheet HTML 15Page - Infineon Technologies AG TLE4971 Datasheet HTML 16Page - Infineon Technologies AG TLE4971 Datasheet HTML 17Page - Infineon Technologies AG TLE4971 Datasheet HTML 18Page - Infineon Technologies AG TLE4971 Datasheet HTML 19Page - Infineon Technologies AG TLE4971 Datasheet HTML 20Page - Infineon Technologies AG TLE4971 Datasheet HTML 21Page - Infineon Technologies AG TLE4971 Datasheet HTML 22Page - Infineon Technologies AG TLE4971 Datasheet HTML 23Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Datasheet
19
Revision 1.02
19-08-2022
TLE4971
Datasheet
Figure 15 Typical amplitude over frequency
Figure 16 Typical phase-shift over frequency
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
1
10
100
1000
Frequency [kHz]
Gain [dB]
Ta = -40°C
Ta = 25°C
Ta = 75°C
Ta = 125°C
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1
10
100
1000
Frequency [kHz]
Phase shift [°]
Ta = -40°C
Ta = 25°C
Ta = 75°C
Ta = 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com