Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4971 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4971
Description  TLE4971 high precision coreless current sensor for automotive applications in 8x8mm SMD package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4971 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4971 Datasheet HTML 3Page - Infineon Technologies AG TLE4971 Datasheet HTML 4Page - Infineon Technologies AG TLE4971 Datasheet HTML 5Page - Infineon Technologies AG TLE4971 Datasheet HTML 6Page - Infineon Technologies AG TLE4971 Datasheet HTML 7Page - Infineon Technologies AG TLE4971 Datasheet HTML 8Page - Infineon Technologies AG TLE4971 Datasheet HTML 9Page - Infineon Technologies AG TLE4971 Datasheet HTML 10Page - Infineon Technologies AG TLE4971 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Datasheet
7
Revision 1.02
19-08-2022
TLE4971
Datasheet
Table 5 Analog Output Characteristics
General conditions (unless otherwise specified): VDD = 3.3V; TS = -40°C … +125°C
Parameter
Symbol
Min
Typ
Max
Unit
Note / Test
conditions
Quiescent output voltage
(bidirectional option 1)1)2)
VOQbid_1
-
VDD/2
-
V
IPN = 0A; fully-
differential or semi-
differential
(bidirectional) modes,
standard setting
Quiescent output voltage
(bidirectional option 2)2)
VOQbid_2
-
1.5
-
V
IPN = 0A; semi-
differential
(bidirectional) mode;
for this option the
ratiometricity offset is
disabled
Quiescent output voltage
(unidirectional mode)2)
VOQuni
-
VDD/5.5
-
V
IPN = 0A; semi-
differential
(unidirectional) mode
Sensitivity, range11)2)3)
S1
-
10
-
mV/A
±120A FS (Full Scale)
Sensitivity, range22)3)
S2
-
12
-
mV/A
±100A FS
Sensitivity, range32)3)
S3
-
16
-
mV/A
±75A FS
Sensitivity, range42)3)
S4
-
24
-
mV/A
±50A FS
Sensitivity, range52)3)
S5
-
32
-
mV/A
±37.5A FS
Sensitivity, range62)3)
S6
-
48
-
mV/A
±25A FS
Sensitivity ratiometry factor
KS
-
1
-
-
Quiescent ratiometry factor
KOQ
-
1
-
-
Analog output drive
capability
IO
-2
-
2
mA
DC current
Analog output saturation
voltage
VSAT
-
150
300
mV
VDD-VAOUT;
Output
current = 2mA
Transfer function cutoff
frequency
BW
120
210
-
kHz
-3dB criterion,
CO = 6.8nF
Output phase delay4)
φdelay
-
45
60
°
fsignal = 120kHz
Output noise density5)6)
INOISE
-
260
660
µA/√Hz
Typical value is at
25°C.
External homogenous
magnetic field suppression4)
BSR
34
50
-
dB
Frequency up to
150kHz. Up to 20mT
homogeneous field
applied
1) Pre-configured setting, for other pre-configured versions please contact your local sales.
2) Can be programmed by user (valid only for 120A version).
3) Values refer to semi-differential mode or single-ended mode, with VREF =1.65 V.
In fully-differential mode the sensitivity value is doubled.
4) Not subject to production test. Verified by design and characterization.
5) Typical value in fully-differential mode, sensitivity range S6
6) ������������������������������ ������������������������������������������ =
������������������������������������ ������������������������������ [������������������������]
√
������
2
∗ ������������[������������]
∗
1
������������������������������������������������������������������[
������
������
]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com