Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4971 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4971
Description  TLE4971 high precision coreless current sensor for automotive applications in 8x8mm SMD package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4971 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4971 Datasheet HTML 5Page - Infineon Technologies AG TLE4971 Datasheet HTML 6Page - Infineon Technologies AG TLE4971 Datasheet HTML 7Page - Infineon Technologies AG TLE4971 Datasheet HTML 8Page - Infineon Technologies AG TLE4971 Datasheet HTML 9Page - Infineon Technologies AG TLE4971 Datasheet HTML 10Page - Infineon Technologies AG TLE4971 Datasheet HTML 11Page - Infineon Technologies AG TLE4971 Datasheet HTML 12Page - Infineon Technologies AG TLE4971 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Datasheet
9
Revision 1.02
19-08-2022
TLE4971
Datasheet
Fast Over-Current Detection
(OCD)
The Over-Current Detection (OCD) function allows
fast detection of over-current events. The raw
analog output of the Hall probes is fed directly into
comparators with programmable switching
thresholds. A user programmable deglitch filter is
implemented to enable the suppression of fast
switching transients. The two different open-drain
OCD pins are active low and can be directly
combined into a wired-AND configuration on
board level to have a general over-current
detection signal. TLE4971 supports two
independent programmable OCD outputs, suited
for different application needs.
The OCD pins are providing a very fast response,
thanks to independence from the main signal path.
They can be used as a trap functionality to quickly
shut down the current source as well as for precise
detection of soft overload conditions.
OCD pins external connection
The OCD pins can be connected to a logic input pin
of the microcontroller and/or the gate-driver to
quickly react to over-current events. They are
designed as open-drain outputs to easily setup a
wired-AND configuration and allow monitoring of
several current sensors outputs via only one
microcontroller pin.
OCD thresholds
The symmetric threshold level of the OCD outputs
is adjustable and triggers an over-current event in
case of a positive or negative over-current. The
possible threshold levels are listed in Table 7 and
Table 8. The instruction for the settings is
documented in the TLI4971 programming guide
and the TLE4971 addendum.
OCD outputs timing behavior
Both output pins feature a deglitch filter to avoid
false triggers by noise spikes on the current rail.
Deglitch filter settings can be programmed
according to application needs. Available options
are listed in Table 7 and Table 8.
Figure 3 shows the OCD output pin typical
behavior during an over-current event.
Over-current Pulse 1: duration exceeds the over-
current response time tD_OCDx + response time jitter
ΔtD_OCDx + deglitch filter time tdeglitch. The OCD
output voltage is set low until the current value
drops below the OCD threshold.
Over-current Pulse 2: duration does not exceed
the over-current response time tD_OCDx and
therefore no OCD event is generated.
Over-current Pulse 3: duration exceeds the
response time tD_OCDx + response time jitter
ΔtD_OCDx, but does not exceed the glitch filter time
tdeglitch and no OCD event is generated.
BTHR
2 x BTHR
VOCD
t
t
tD_OCDx
VDD
0.5 x VDD
B
ΔtD_OCDx
tdeglitch
Glitch
counter
t
threshold
tOC < (tD_OCDx + ΔtD_OCDx)
tD_OCDx
ΔtD_OCDx
tD_OCDx
tdeglitch
tOC < (tD_OCDx + ΔtD_OCDx + tdeglitch)
ΔtD_OCDx
2
3
1
tOCD_low
Figure 3 Fast over-current detection output timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com