Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4971 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE4971
Description  TLE4971 high precision coreless current sensor for automotive applications in 8x8mm SMD package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4971 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE4971 Datasheet HTML 11Page - Infineon Technologies AG TLE4971 Datasheet HTML 12Page - Infineon Technologies AG TLE4971 Datasheet HTML 13Page - Infineon Technologies AG TLE4971 Datasheet HTML 14Page - Infineon Technologies AG TLE4971 Datasheet HTML 15Page - Infineon Technologies AG TLE4971 Datasheet HTML 16Page - Infineon Technologies AG TLE4971 Datasheet HTML 17Page - Infineon Technologies AG TLE4971 Datasheet HTML 18Page - Infineon Technologies AG TLE4971 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Datasheet
15
Revision 1.02
19-08-2022
TLE4971
Datasheet
Typical Performance Characteristics
Figure 7 Offset error over T (+/-25A version) with 3 sigma limits in green and 1% limit in dotted blue
Figure 8 After single point calibration: Offset error over T (+/-25A version) with 3 sigma limits in green and 1% limit in dotted
blue
-300
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
110
120
130
T (°C)
Offset S6 (+/-25A measurement range) error over T
-300
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
110
120
T (°C)
Offset S6 (+/-25A measurement range) drift error over T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com