Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4971 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4971
Description  TLE4971 high precision coreless current sensor for automotive applications in 8x8mm SMD package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4971 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4971 Datasheet HTML 7Page - Infineon Technologies AG TLE4971 Datasheet HTML 8Page - Infineon Technologies AG TLE4971 Datasheet HTML 9Page - Infineon Technologies AG TLE4971 Datasheet HTML 10Page - Infineon Technologies AG TLE4971 Datasheet HTML 11Page - Infineon Technologies AG TLE4971 Datasheet HTML 12Page - Infineon Technologies AG TLE4971 Datasheet HTML 13Page - Infineon Technologies AG TLE4971 Datasheet HTML 14Page - Infineon Technologies AG TLE4971 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Datasheet
11
Revision 1.02
19-08-2022
TLE4971
Datasheet
Table 8 OCD2 Parameters
Parameter
Symbol
Min
Typ
Max
Unit
Note / Test Conditions
Threshold level - level11)2)
ITHR2.1
-
0.5
-
x IFSR
Factor with respect to IFS
(IFS = current full scale
according to programming
i.e. 120A)
Threshold level - level21)2)
ITHR2.2
-
0.61
-
x IFSR
Factor with respect to IFS
Threshold level - level31)2)
ITHR2.3
-
0.71
-
x IFSR
Factor with respect to IFS
Threshold level - level41)2)3)
ITHR2.4
-
0.82
-
x IFSR
Factor with respect to IFS
Threshold level - level51)2)
ITHR2.5
-
0.93
-
x IFSR
Factor with respect to IFS
Threshold level - level61)2)
ITHR2.6
-
1.04
-
x IFSR
Factor with respect to IFS
Threshold level - level71)2)
ITHR2.7
-
1.14
-
x IFSR
Factor with respect to IFS
Threshold level - level81)2)
ITHR2.8
-
1.25
-
x IFSR
Factor with respect to IFS
Response time4)
tD_OCD2
-
0.7
1.2
µs
IPN = 2 x ITHR2.x
Fall time5)
tf_OCD2
-
200
300
ns
Deglitch filter setting2)6)
OCD2gl_mul
0
-
15
-
tdeglitch = OCD2gl_mul x tOCDgl
pre-configured setting = 0
1) Symmetric threshold level for positive and negative currents.
2) Can be programmed by user.
3) Pre-configured threshold level.
4) Time between primary current exceeding current threshold and falling edge of OCD2-pin at 50%.
5) Not subject to production test. Verified by design and characterization.
6) The specified deglitching timing is valid when input current step overtakes the threshold of at least 10%.
Undervoltage / Overvoltage detection
TLE4971 is able to detect undervoltage or overvoltage condition of its own power supply (VDD). When an
undervoltage (VDD<UVLOH) or overvoltage (VDD>OVLOH) condition is detected both OCD pins are pulled down in order
to signal such a condition to the user.
The undervoltage detection on OCD pins is performed only if VDD > VDD,OCD.
Both OCD pins are pulled down at start up. When VDD exceeds the undervoltage threshold UVLOH_R and the power
on delay time tPOR has been reached, the sensor indicates the correct functionality and high accuracy by releasing
the OCD pins.
Table 9 Operating Parameters
General conditions (unless otherwise specified): VDD = 3.3V; TS = -40°C … +125°C
Parameter
Symbol
Min.
Typ.
Max.
Unit Note / Test Condition
Supply undervoltage
lockout threshold
UVLOH_R
-
-
2.9
V
VDD at rising edge
Supply undervoltage
lockout threshold
UVLOH_F
2.5
-
-
V
VDD at falling edge
Supply overvoltage lockout
threshold
OVLOH
3.55
-
-
V
VDD at rising edge
OCD undervoltage
detection limit
VDD,OCD
1.8
-
-
V
For VDD<VDD,OCD undervoltage may not be
performed.
Undervoltage/overvoltage
lockout delay
tUVLOe
1
2.4
3.1
µs
Enabled to disabled
1) Not subject to production test. Verified by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com