Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4971 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4971
Description  TLE4971 high precision coreless current sensor for automotive applications in 8x8mm SMD package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4971 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4971 Datasheet HTML 6Page - Infineon Technologies AG TLE4971 Datasheet HTML 7Page - Infineon Technologies AG TLE4971 Datasheet HTML 8Page - Infineon Technologies AG TLE4971 Datasheet HTML 9Page - Infineon Technologies AG TLE4971 Datasheet HTML 10Page - Infineon Technologies AG TLE4971 Datasheet HTML 11Page - Infineon Technologies AG TLE4971 Datasheet HTML 12Page - Infineon Technologies AG TLE4971 Datasheet HTML 13Page - Infineon Technologies AG TLE4971 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Datasheet
10
Revision 1.02
19-08-2022
TLE4971
Datasheet
Fast Over-Current Detection (OCD) Output Parameters
Table 6 Common OCD Parameters
General conditions (unless otherwise specified): VDD = 3.3V; TS = -40°C … +125°C, CL=1nF.
Parameter
Symbol
Min
Typ
Max
Unit
Note / Test Conditions
Threshold level tolerance1)
ITHT
-10
-
10
%
Type tested
Response time jitter1)
ΔtD_OCD
-
-
0.25
µs
At 3σ, Irail=2xITHRx.x, input
rise time 0.1µs
Deglitch filter basic time
tOCDgl
400
500
600
ns
Detection minimum time
tOCD_low
3
-
-
µs
Valid for both OCDs
Load capacitance
tOCD_low
-
-
1
nF
Open-drain current
CL
-
-
1
mA
DC current
Pull-up resistor
RPU
1
4.7
10
kΩ
To VDD
1) Not subject to production test. Verified by design and characterization.
Table 7 OCD1 Parameters
Parameter
Symbol
Min
Typ
Max
Unit
Note / Test Conditions
Threshold level - Level11)2) 3)
ITHR1.1
-
1.25
-
x IFS
Factor with respect to IFS
(IFS = current full scale
according to programming
i.e. 120A)
Threshold level - Level21)2)
ITHR1.2
-
1.39
-
x IFS
Factor with respect to IFS
Threshold level - Level31)2)
ITHR1.3
-
1.54
-
x IFS
Factor with respect to IFS
Threshold level - Level41)2)
ITHR1.4
-
1.68
-
x IFS
Factor with respect to IFS
Threshold level - Level51)2)
ITHR1.5
-
1.82
-
x IFS
Factor with respect to IFS
Threshold level - Level61)2)
ITHR1.6
-
1.96
-
x IFS
Factor with respect to IFS
Threshold level - Level71)2)
ITHR1.7
-
2.11
-
x IFS
Factor with respect to IFS
Threshold level - Level81)2)
ITHR1.8
-
2.25
-
x IFS
Factor with respect to IFS
Response time4)
tD_OCD1
-
0.7
1
µs
IPN = 2*ITHR1.x
Fall time5)
tf_OCD1
-
100
150
ns
Deglitch filter setting2)6)
OCD1gl_mul
0
-
7
-
tdeglitch = OCD1gl_mul*tOCDgl
pre-configured setting = 0
1) Symmetric threshold level for positive and negative currents.
2) Can be programmed by user.
3) Pre-configured threshold level
4) Time between primary current exceeding current threshold and falling edge of OCD1-pin at 50%.
5) Not subject to production test. Verified by design and characterization.
6) The specified deglitching timing is valid when input current step overtakes the threshold of at least 10%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com