Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4971 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE4971
Description  TLE4971 high precision coreless current sensor for automotive applications in 8x8mm SMD package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4971 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4971 Datasheet HTML 8Page - Infineon Technologies AG TLE4971 Datasheet HTML 9Page - Infineon Technologies AG TLE4971 Datasheet HTML 10Page - Infineon Technologies AG TLE4971 Datasheet HTML 11Page - Infineon Technologies AG TLE4971 Datasheet HTML 12Page - Infineon Technologies AG TLE4971 Datasheet HTML 13Page - Infineon Technologies AG TLE4971 Datasheet HTML 14Page - Infineon Technologies AG TLE4971 Datasheet HTML 15Page - Infineon Technologies AG TLE4971 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Datasheet
12
Revision 1.02
19-08-2022
TLE4971
Datasheet
Isolation Characteristics
TLE4971 conforms functional isolation.
Table 10 Isolation Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Note / Test Conditions
Maximum rated working
voltage (sine wave)1)2)3)
VIOWM
-
-
690
V
RMS, @ 4000m altitude
Maximum rated working
voltage (sine wave)1)2)3)
VIOWMP
-
-
975
V
Peak, @ 4000m altitude
Maximum repetitive
isolation voltage2)3)
VIORM
-
-
1150
V
Max DC voltage, spike,
@ 4000m altitude
Apparent charge voltage
capability (method B)2)3)
VPDtest
1500
-
-
V
Partial discharge < 5pC peak
@ 0m altitude
Isolation test voltage3)4)
VISO
3500
-
-
V
RMS, 60s
Isolation production test
voltage4)
VISOP
3000
-
-
V
RMS, in production,
1.2s, UL certified version
Isolation pulse test voltage3)
Vpulse
6500
-
-
V
Peak, rise time = 1.2µs,
fall time = 50µs
Minimum external creepage
distance
CPG
4
-
-
mm
Minimum external clearance
distance
CLR
4
-
-
mm
Minimum comparative
tracking index
CTI
Material
group II
-
-
-
Isolation resistance3)
RIO
10
-
-
GΩ
UIO = 500V DC, 1min
1) The given value is considered an example based on pollution degree 2.
2) After stress test according to qualification plan.
3) Not subject to production test. Verified by design and characterization.
4) Agency type tested for 60 seconds by UL according to UL 1577 standard.
TLE4971 characteristics are tested at VDE according basic isolation as well and a report is available on request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com