Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4971 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4971
Description  TLE4971 high precision coreless current sensor for automotive applications in 8x8mm SMD package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4971 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4971 Datasheet HTML 4Page - Infineon Technologies AG TLE4971 Datasheet HTML 5Page - Infineon Technologies AG TLE4971 Datasheet HTML 6Page - Infineon Technologies AG TLE4971 Datasheet HTML 7Page - Infineon Technologies AG TLE4971 Datasheet HTML 8Page - Infineon Technologies AG TLE4971 Datasheet HTML 9Page - Infineon Technologies AG TLE4971 Datasheet HTML 10Page - Infineon Technologies AG TLE4971 Datasheet HTML 11Page - Infineon Technologies AG TLE4971 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Datasheet
8
Revision 1.02
19-08-2022
TLE4971
Datasheet
Table 5 Analog Output Characteristics (cont’d)
General conditions (unless otherwise specified): VDD = 3.3V; TS = -40°C … +125°C
Parameter
Symbol
Min
Typ
Max
Unit
Note / Test conditions
Sensitivity error (all
ranges)
ESENS
-1.5
-
1.5
%
TS = 25°C, 0h, ±3σ
Sensitivity error (all
ranges) over temperature
ESENST
-2.0
-
2.0
%
TS = -40°C to 25°C, 0h, ±3σ
-1.5
-
1.5
%
TS = 25°C to 125°C, 0h, ±3σ
Sensitivity error (all
ranges) over temperature
and lifetime4)
ESENSL
-3
-
3
%
Output offset (all ranges)
EOFF
-180
-
180
mA
TS = 25°C, 0h, ±3σ
Output offset (all ranges)
over temperature
EOFFT
-230
-
230
mA
TS = -40°C to 25°C, 0h, ±3σ
-230
-
230
mA
TS = 25°C to 125°C, 0h, ±3σ
Output offset (all ranges)
over temperature and
lifetime4)
EOFF_L
-500
-
500
mA
Total error (S1)
ETOT_S1
-1.7
-
1.7
%
TS = 25°C, 0h, ±3σ,
includes linearity error
Total error (S1) over
temperature
ETOT_S1
-2.3
-
2.3
%
TS = -40°C to 25°C, 0h, ±3σ,
includes linearity error
-1.7
-
1.7
%
TS = 25°C to 125°C, 0h,
±3σ, includes linearity
error
Total error (S6)
ETOT_S6
-1.5
-
1.5
%
TS = 25°C, 0h, ±3σ,
includes linearity error
Total error (S6) over
temperature
ETOT_S6
-2.3
-
2.3
%
TS = -40°C to 25°C, 0h, ±3σ,
includes linearity error
-1.8
-
1.8
%
TS = 25°C to 125°C, 0h,
±3σ, includes linearity
error
Total error over
temperature and lifetime4)
ETOTL
-3.45
-
3.45
%
Percentage of FS,
sensitivity S1; includes
sensitivity, offset and
linearity error
4) Not subject to production test. Verified by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com