Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4971 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4971
Description  TLE4971 high precision coreless current sensor for automotive applications in 8x8mm SMD package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4971 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4971 Datasheet HTML 9Page - Infineon Technologies AG TLE4971 Datasheet HTML 10Page - Infineon Technologies AG TLE4971 Datasheet HTML 11Page - Infineon Technologies AG TLE4971 Datasheet HTML 12Page - Infineon Technologies AG TLE4971 Datasheet HTML 13Page - Infineon Technologies AG TLE4971 Datasheet HTML 14Page - Infineon Technologies AG TLE4971 Datasheet HTML 15Page - Infineon Technologies AG TLE4971 Datasheet HTML 16Page - Infineon Technologies AG TLE4971 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Datasheet
13
Revision 1.02
19-08-2022
TLE4971
Datasheet
System integration
VDD
GND
VDCLink
PGND
VSens
VAREF
GPIO
A/D
A/D
A/D
A/D
EN
VCC_IO
6
PWM
Gate-
Driver
µC
Load
VCC_IO
IP+
IP-
VCC_IO
220nF
25V
4k7
4k7
1nF
25V
1nF
50V
6.8nF
25V
6.8nF
25V
6.8nF
25V
220nF
25V
VAREF = VSens
TLx4971
VCC_IO
1k
1k
15nF
25V
15nF
25V
15nF
25V
Optional low pass filter for bandwidth limitation fc = 48.2kHz
220
220
220
6.8nF
25V
VAREF
Figure 4 Application circuit for three phase system in single-ended configuration. In-circuit-programming not included.
VDD
GND
VDCLink
PGND
VAREF
VSens
VAREF
GPIO
A/D
A/D
A/D
A/D
VCC_IO
6
PWM
µC
Load
A/D
A/D
VCC_IO
IP+
IP-
VCC_IO
220nF
25V
4k7
4k7
1nF
25V
1nF
50V
6.8nF
25V
6.8nF
25V
6.8nF
25V
6.8nF
25V
6.8nF
25V
6.8nF
25V
VCC_IO
15nF
25V
15nF
25V
15nF
25V
15nF
25V
15nF
25V
15nF
25V
220
220
220
220
220
220
Optional low pass filter for bandwidth limitation fc = 48.2kHz
EN
Gate-
Driver
TLx4971
Figure 5 Application circuit for three phase system in differential configuration. In-circuit-programming not included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com