Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4971 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4971
Description  TLE4971 high precision coreless current sensor for automotive applications in 8x8mm SMD package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4971 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4971 Datasheet HTML 1Page - Infineon Technologies AG TLE4971 Datasheet HTML 2Page - Infineon Technologies AG TLE4971 Datasheet HTML 3Page - Infineon Technologies AG TLE4971 Datasheet HTML 4Page - Infineon Technologies AG TLE4971 Datasheet HTML 5Page - Infineon Technologies AG TLE4971 Datasheet HTML 6Page - Infineon Technologies AG TLE4971 Datasheet HTML 7Page - Infineon Technologies AG TLE4971 Datasheet HTML 8Page - Infineon Technologies AG TLE4971 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Datasheet
2
Revision 1.02
19-08-2022
TLE4971
Datasheet
Pin Configuration
Figure 1 Pin layout PG-TISON-8
The current IPN is measured as a positive value
when it flows from pin 8 (+) to pin 7 (-) through the
integrated current rail.
Pin configuration
1
VDD
Supply voltage
2
GND
Ground
3
VREF
Reference voltage input or
output
4
AOUT
Analog signal output
5
OCD1
Over-current detection
output 1 (open drain
output)
6
OCD2
Over-current detection
output 2 (open drain
output)
7
IP-
Negative current terminal
pin (current-out)
8
IP+
Positive current terminal
pin (current-in)
Target Applications
The TLE4971 is suitable for AC as well as DC current measurement applications:
•
On-Board Charger (OBC)
•
Drives / Servo / Motor Control / Inverter / eScooter / eBike / LEV
•
Current monitoring
•
Overload and over-current detection
Due to its implemented magnetic interference suppression, it is extremely robust when exposed to external
magnetic fields. The device is suitable for fast over-current detection with a configurable threshold level.
This allows the control unit to switch off and protect the affected system from damage, independently from
the main measurement path.
Standard Product Configuration
Table 1 Standard Product Configuration
Parameter
TLE4971-A120xxx
TLE4971-A075xxx
TLE4971-A050xxx
TLE4971-A025xxx
Full scale range 1)
±120A
±75A
±50A
±25A
Output mode
Semi-differential
Semi-differential
Semi-differential
Semi-differential
Quiescent voltage
1.65V
1.65V
1.65V
1.65V
OCD1 threshold
factor 2)
1.25
1.25
1.25
1.25
OCD1 threshold
factor 2)
0.82
0.82
0.82
0.82
OCD filter time both
channels 2)
0µs
0µs
0µs
0µs
Ratiometric mode
No
No
No
No
1)
Optional sensitivity values are mentioned in Table 5.
2)
Optional OCDx configuration are listed in Table 7 and Table 8.
Pin No.
Symbol
Function
1
2
3
4
5
6
7
8
+
-
IPN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com