Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4971 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4971
Description  TLE4971 high precision coreless current sensor for automotive applications in 8x8mm SMD package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4971 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4971 Datasheet HTML 1Page - Infineon Technologies AG TLE4971 Datasheet HTML 2Page - Infineon Technologies AG TLE4971 Datasheet HTML 3Page - Infineon Technologies AG TLE4971 Datasheet HTML 4Page - Infineon Technologies AG TLE4971 Datasheet HTML 5Page - Infineon Technologies AG TLE4971 Datasheet HTML 6Page - Infineon Technologies AG TLE4971 Datasheet HTML 7Page - Infineon Technologies AG TLE4971 Datasheet HTML 8Page - Infineon Technologies AG TLE4971 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Datasheet
5
Revision 1.02
19-08-2022
TLE4971
Datasheet
Product Characteristics
Table 3 Operating Ranges
General conditions (unless otherwise specified): VDD = 3.3V; TS = -40°C … +125°C
Parameter
Symbol Min.
Typ.
Max.
Unit Note / Test Condition
Supply voltage
VDD
3.1
3.3
3.5
V
Ambient temperature at
soldering point
TS
-40
-
125
°C
Measured at soldering point, limited
life time of 8800h
Ambient temperature at
soldering point
TS
-40
-
105
°C
Measured at soldering point,
Considering 8 years operation at
I = 32 A RMS
Capacitance on analog
output pin
CAOUT
4.7
6.8
8
nF
W/o decoupling resistor, including
parasitic cap on the board
Capacitor on VDD
CVDD
-
220
-
nF
Reference input voltage
VREF
-
1.65
-
V
Other values available by EEPROM:
1.2V, 1.5V, 1.8V
Reference input voltage
variation
VREF_var
-10
-
10
%
Table 4 Operating Parameters
General conditions (unless otherwise specified): VDD = 3.3V; TS = -40°C … +125°C
Parameter
Symbol Min.
Typ.
Max.
Unit Note / Test Condition
Current consumption
IDD
-
18
25
mA I(AOUT) = 0mA
Primary path resistance
RPN
-
220
-
µΩ
25°C, when soldered on PCB with
140µm copper thickness
Power-on delay time
tPOR
-
1.0
1.5
ms
From VDD rising above VDD(min) to full
operation. Output with lower accuracy is
available within 0.5 ms.
0A primary input current.
Voltage on interface pin
OCD1
VIO_OCD1
-0.3
-
3.5
V
Voltage on interface pin
OCD2
VIO_OCD2
-0.3
-
3.5
V
In functional mode
Voltage on analog output
AOUT
VAOUT
-0.3
-
VDD + 0.3
V
Thermal resistance1)
RTHJS
-
0.25
-
K/W
Current rail to soldering point, on Infineon
reference PCB (see related application note
AppNote TLx4971 PCB)
1) Not subject to production test. Verified by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com