Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD0280WTQ Datasheet (PDF) - Diodes Incorporated

DGD0280WTQ Datasheet PDF - Diodes Incorporated
Part # DGD0280WTQ
Download  DGD0280WTQ Download
File Size   928.2 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE LOW SIDE SINGLE GATE DRIVER WITH LDO

DGD0280WTQ Datasheet (PDF)

Go To PDF Page Download Datasheet
DGD0280WTQ Datasheet PDF - Diodes Incorporated

Part # DGD0280WTQ
Download  DGD0280WTQ Click to download

File Size   928.2 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE LOW SIDE SINGLE GATE DRIVER WITH LDO

DGD0280WTQ Datasheet (HTML) - Diodes Incorporated


DGD0280WTQ Product details

Features
- Efficient Low Cost Solution for Driving MOSFETs and IGBTs
- Integrated LDO (3.3V, 15mA Output)
- 3.3V LDO at 1% Accuracy at +25°C
- Wide Supply Voltage Operating Range: 4.5V to 18V
- 2.5A Source / 2.8A Sink Output Current Capability
- Undervoltage Lockout for Vcc Supply
- Fast Propagation Delay (35ns Typ)
- Fast Rise and Fall Times (20ns Typ)
- Logic Input (IN) 3.3V Capability
- Extended Temperature Range: -40°C to +125°C
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- The DGD0280WTQ is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.

Applications
- DC-DC converters
- Line drivers
- Motor controls
- Switch mode power supplies




Similar Part No. - DGD0280WTQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD0280WT-7 DIODES-DGD0280WT-7 Datasheet
644Kb / 11P
HIGH SPEED LOW SIDE SINGLE GATE DRIVER WITH LDO
September 2019
More results


Similar Description - DGD0280WTQ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
Single 9A High-Speed, Low-Side Gate Driver
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
Single 1A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3180 FAIRCHILD-FAN3180 Datasheet
1Mb / 18P
Single 2-A Low-Side Driver with 3.3-V LDO
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
Single-Channel High-Speed Low-Side Gate Driver
logo
ON Semiconductor
FAN3180 ONSEMI-FAN3180 Datasheet
1Mb / 19P
Single 2-A Low-Side Driver with 3.3-V LDO
June 2013 Rev. 1.0.3
FAN7171-GF085 ONSEMI-FAN7171-GF085 Datasheet
1,003Kb / 10P
High-Side Automotive Gate Driver IC
December-2017, Rev. 3
FAN7191-F085 ONSEMI-FAN7191-F085 Datasheet
443Kb / 16P
High and Low Side Automotive Gate Driver IC
June, 2018 ??Rev. 4
logo
Diodes Incorporated
DGD0280 DIODES-DGD0280 Datasheet
644Kb / 11P
HIGH SPEED LOW SIDE SINGLE GATE DRIVER WITH LDO
September 2019
logo
Infineon Technologies A...
1ED44171N01B INFINEON-1ED44171N01B Datasheet
1Mb / 18P
Single-channel low-side gate driver IC
V 1.1 2022-02-02
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com