Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD0280 Datasheet (PDF) - Diodes Incorporated

DGD0280 Datasheet PDF - Diodes Incorporated
Part # DGD0280
Download  DGD0280 Download
File Size   644.43 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH SPEED LOW SIDE SINGLE GATE DRIVER WITH LDO

DGD0280 Datasheet (PDF)

Go To PDF Page Download Datasheet
DGD0280 Datasheet PDF - Diodes Incorporated

Part # DGD0280
Download  DGD0280 Click to download

File Size   644.43 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH SPEED LOW SIDE SINGLE GATE DRIVER WITH LDO

DGD0280 Datasheet (HTML) - Diodes Incorporated


DGD0280 Product details

Features
Efficient Low Cost Solution for Driving MOSFETs and IGBTs
Integrated LDO (3.3V, 15mA Output)
3.3V LDO at 1% Accuracy at 25°C
Wide Supply Voltage Operating Range: 4.5V to 18V
2.5A Source / 2.8A Sink Output Current Capability
Undervoltage Lockout for Vcc Supply
Fast Propagation Delay (35ns Typ)
Fast Rise and Fall Times (20ns Typ)
Logic Input (IN) 3.3V Capability
Extended Temperature Range: -40°C to +125°C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)

Applications
DC-DC Converters
Line Drivers
Motor Controls
Switch Mode Power Supplies




Similar Part No. - DGD0280

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD0280WTQ DIODES-DGD0280WTQ Datasheet
928Kb / 11P
AUTOMOTIVE LOW SIDE SINGLE GATE DRIVER WITH LDO
Rev. 2 - 2 December 2022
DGD0280WTQ-7 DIODES-DGD0280WTQ-7 Datasheet
928Kb / 11P
AUTOMOTIVE LOW SIDE SINGLE GATE DRIVER WITH LDO
Rev. 2 - 2 December 2022
More results


Similar Description - DGD0280

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
Single 9A High-Speed, Low-Side Gate Driver
FAN3111 FAIRCHILD-FAN3111 Datasheet
883Kb / 18P
Single 1A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_09 Datasheet
1Mb / 21P
Single 2A High-Speed, Low-Side Gate Driver
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
Single 1A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
Single 9A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
Single Channel High-Speed, Low-Side Gate Driver
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
Single-Channel High-Speed Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
logo
Diodes Incorporated
DGD0280WTQ DIODES-DGD0280WTQ Datasheet
928Kb / 11P
AUTOMOTIVE LOW SIDE SINGLE GATE DRIVER WITH LDO
Rev. 2 - 2 December 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com