Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD0280 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DGD0280
Description  HIGH SPEED LOW SIDE SINGLE GATE DRIVER WITH LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD0280 Datasheet(HTML) 1 Page - Diodes Incorporated

  DGD0280 Datasheet HTML 1Page - Diodes Incorporated DGD0280 Datasheet HTML 2Page - Diodes Incorporated DGD0280 Datasheet HTML 3Page - Diodes Incorporated DGD0280 Datasheet HTML 4Page - Diodes Incorporated DGD0280 Datasheet HTML 5Page - Diodes Incorporated DGD0280 Datasheet HTML 6Page - Diodes Incorporated DGD0280 Datasheet HTML 7Page - Diodes Incorporated DGD0280 Datasheet HTML 8Page - Diodes Incorporated DGD0280 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DGD0280
HIGH SPEED LOW SIDE SINGLE GATE DRIVER WITH LDO
Description
The DGD0280 high-speed, low-side MOSFET and IGBT driver is
capable of driving 1.9A of peak current. The DGD280 logic inputs are
compatible with standard TTL and CMOS levels (down to 3.3V) to
interface easily with MCUs. Internal undervoltage lockout (UVLO)
protects the MOSFET with loss of supply by turning off the output
when VCC falls below operating range. Fast and well matched
propagation delays allow high-speed operation, enabling a smaller,
more compact power-switching design using smaller associated
components.
The DGD0280 has an integrated LDO that outputs 3.3V at ±1%
tolerance with the ability to supply 15mA. The DGD0280 provides a
non-inverted output. The DGD0280 comes in a space-saving
TSOT25 package and operates over an extended -40°C to +125°C
temperature range.
Applications
•
DC-DC Converters
•
Line Drivers
•
Motor Controls
•
Switch Mode Power Supplies
Features
•
Efficient Low Cost Solution for Driving MOSFETs and IGBTs
•
Integrated LDO (3.3V, 15mA Output)
•
3.3V LDO at 1% Accuracy at 25°C
•
Wide Supply Voltage Operating Range: 4.5V to 18V
•
2.5A Source / 2.8A Sink Output Current Capability
•
Undervoltage Lockout for Vcc Supply
•
Fast Propagation Delay (35ns Typ)
•
Fast Rise and Fall Times (20ns Typ)
•
Logic Input (IN) 3.3V Capability
•
Extended Temperature Range: -40°C to +125°C
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
•
Case: TSOT25
•
Case Material: Molded Plastic. “Green” Molding Compound.
•
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 3 per J-STD-020
•
Terminals: Finish—Matte Tin Plated Leads. Solderable per
MIL-STD-202, Method 208
•
Weight: 0.016 grams (Approximate)
Ordering Information (Note 4)
Part number
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
DGD0280WT-7
D0280
7
8
3000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
TSOT25
Typical Configuration
D0280 = Product Type Marking Code
YY = Year (ex: 19 = 2019)
WW or WW
– = Week (01 - 53)
D0280
YYWW-
DGD0280
Document number: DS41282 Rev. 2 - 2
1 of 11
www.diodes.com
September 2019
© Diodes Incorporated


Similar Part No. - DGD0280

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD0280WTQ DIODES-DGD0280WTQ Datasheet
928Kb / 11P
AUTOMOTIVE LOW SIDE SINGLE GATE DRIVER WITH LDO
Rev. 2 - 2 December 2022
DGD0280WTQ-7 DIODES-DGD0280WTQ-7 Datasheet
928Kb / 11P
AUTOMOTIVE LOW SIDE SINGLE GATE DRIVER WITH LDO
Rev. 2 - 2 December 2022
More results

Similar Description - DGD0280

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
Single 9A High-Speed, Low-Side Gate Driver
FAN3111 FAIRCHILD-FAN3111 Datasheet
883Kb / 18P
Single 1A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_09 Datasheet
1Mb / 21P
Single 2A High-Speed, Low-Side Gate Driver
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
Single 1A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
Single 9A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
Single Channel High-Speed, Low-Side Gate Driver
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
Single-Channel High-Speed Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
logo
Diodes Incorporated
DGD0280WTQ DIODES-DGD0280WTQ Datasheet
928Kb / 11P
AUTOMOTIVE LOW SIDE SINGLE GATE DRIVER WITH LDO
Rev. 2 - 2 December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com