Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD0280 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DGD0280
Description  HIGH SPEED LOW SIDE SINGLE GATE DRIVER WITH LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD0280 Datasheet(HTML) 4 Page - Diodes Incorporated

  DGD0280 Datasheet HTML 1Page - Diodes Incorporated DGD0280 Datasheet HTML 2Page - Diodes Incorporated DGD0280 Datasheet HTML 3Page - Diodes Incorporated DGD0280 Datasheet HTML 4Page - Diodes Incorporated DGD0280 Datasheet HTML 5Page - Diodes Incorporated DGD0280 Datasheet HTML 6Page - Diodes Incorporated DGD0280 Datasheet HTML 7Page - Diodes Incorporated DGD0280 Datasheet HTML 8Page - Diodes Incorporated DGD0280 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DGD0280
DC Electrical Characteristics (VCC= 12V, @TA = +25°C, unless otherwise specified.) (Note 7)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Logic “1” Input Voltage
VIH
2.0
—
—
V
—
Logic “0” Input Voltage
VIL
—
—
0.8
V
—
Input Hysteresis
VIN_HYS
—
0.5
—
V
—
Logic “1” Input Bias Current
IIN+
—
7.5
20
µA
VIN = 3V
Logic “0” Input Bias Current
IIN-
—
—
1
µA
VIN = 0V
Quiescent VCC Supply Current
ICCQ
—
—
250
µA
Inputs Open
Operating VCC Supply Current
ICCO
—
1.5
—
mA
fs = 100kHz CL = 1000pF
—
12.5
—
fs = 1MHz CL = 1000pF
VCC Supply Undervoltage Positive Going Threshold
VCCUV+
4.5
4.75
5.0
V
—
VCC Supply Undervoltage Negative Going Threshold
VCCUV-
4.2
4.5
4.8
V
—
Output High Short-Circuit Pulsed Current
IO+
—
2.5
—
A
VO = 0V, PW ≤ 10µs
Output Low Short-Circuit Pulsed Current
IO-
—
2.8
—
A
VO = 15V, PW ≤ 10µs
LDO Output Voltage
VLDO
3.267
3.3
3.333
V
IOUT = 10mA
LDO Line Regulation
VLDO_LINE
—
21
38
mV
VCC = 5V to 18V,
IOUT = 10mA
LDO Load Regulation
VLDO_LOAD
—
—
10
mV
VCC = 12V,
IOUT = 0.1mA to 10mA
Maximum LDO Current
ILDO_MAX
—
15
—
mA
RL = 220Ω
LDO Current Limit
ILDO_LIM
20
68
—
mA
RL = 0Ω
Thermal Shutdown Turn On
TSDON
—
150
—
°C
—
Thermal Shutdown Turn Off
TSDOFF
—
125
—
°C
—
Note:
7. The VIN and IIN parameters are applicable to the logic input pin: IN. The VO and IO parameters are applicable to the output pin: OUT.
AC Electrical Characteristics (VCC= 12V, @TA = +25°C, unless otherwise specified.)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Turn-on Rise Time
tr
—
20
35
ns
CL = 1000pF
Turn-off Fall Time
tf
—
15
35
ns
CL = 1000pF
Turn-on Propagation Delay
tON
20
35
50
ns
—
Turn-off Propagation Delay
tOFF
15
30
50
ns
—
DGD0280
Document number: DS41282 Rev. 2 - 2
4 of 11
www.diodes.com
September 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com