Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCS2810 Datasheet (PDF) - DIWELL Electronics Co., Ltd.

WCS2810 Datasheet PDF - DIWELL Electronics Co., Ltd.
Part # WCS2810
Download  WCS2810 Download
File Size   714.88 Kbytes
Page   5 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description Hall Effect Base Linear Current Sensor

WCS2810 Datasheet (PDF)

Go To PDF Page Download Datasheet
WCS2810 Datasheet PDF - DIWELL Electronics Co., Ltd.

Part # WCS2810
Download  WCS2810 Click to download

File Size   714.88 Kbytes
Page   5 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description Hall Effect Base Linear Current Sensor

WCS2810 Datasheet (HTML) - DIWELL Electronics Co., Ltd.


WCS2810 Product details

Features:
 Low noise analog signal path
 0.5 mΩ internal conductor resistance
 Output voltage proportional to AC and DC current
 Current Sensing range 0~10A at 5V voltage supply
 High Sensitivity 135 mV/A
 Wide operating voltage range 3.0~12 V
 Low operating current 3mA
 Nearly zero magnetic hysteresis
 Ratiometric output from supply voltage
 23K Hz bandwidth




Similar Part No. - WCS2810

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
WCS2800 DIWELL-WCS2800 Datasheet
496Kb / 5P
Hall Effect Base Linear Current Sensor
2017/4/19
logo
Winson Semiconductor Co...
WCS2800 WINSON-WCS2800_17 Datasheet
502Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2801 WINSON-WCS2801 Datasheet
642Kb / 5P
Low noise analog signal path
logo
DIWELL Electronics Co.,...
WCS2801 DIWELL-WCS2801 Datasheet
635Kb / 5P
Hall Effect Base Linear Current Sensor
2016/10/12
logo
Winson Semiconductor Co...
WCS2801 WINSON-WCS2801_17 Datasheet
642Kb / 5P
Hall Effect Base Linear Current Sensor
More results


Similar Description - WCS2810

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WCS1702 WINSON-WCS1702 Datasheet
159Kb / 3P
Hall Effect Base Linear Current Sensor
WCS1800 WINSON-WCS1800 Datasheet
481Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2702 WINSON-WCS2702 Datasheet
481Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2705 WINSON-WCS2705 Datasheet
457Kb / 5P
Hall Effect Base Linear Current Sensor
WCS6800 WINSON-WCS6800 Datasheet
628Kb / 5P
Hall Effect Base Linear Current Sensor
WCS1500 WINSON-WCS1500_17 Datasheet
477Kb / 5P
Hall Effect Base Linear Current Sensor
WCS1800 WINSON-WCS1800_17 Datasheet
482Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2750 WINSON-WCS2750_17 Datasheet
428Kb / 3P
Hall Effect Base Linear Current Sensor
logo
DIWELL Electronics Co.,...
WCS2800 DIWELL-WCS2800 Datasheet
496Kb / 5P
Hall Effect Base Linear Current Sensor
2017/4/19
WCS374 DIWELL-WCS374 Datasheet
865Kb / 5P
Hall Effect Base Linear Current Sensor
2017/12/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com