Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCS2810 Datasheet(PDF) 3 Page - DIWELL Electronics Co., Ltd.

Part # WCS2810
Description  Hall Effect Base Linear Current Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

WCS2810 Datasheet(HTML) 3 Page - DIWELL Electronics Co., Ltd.

  WCS2810 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. WCS2810 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. WCS2810 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. WCS2810 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. WCS2810 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
WCS2810
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2019/2/18
Electrical Characteristics:
(T=+25˚C, Vdd=5.0V )
Characteristic
Symbol Test Conditions
Min Typ Max Units
Supply Voltage
Vcc
─
3.0
─
12
V
Supply Current
Isupply
IP =0 A
─
3.4
5.0
mA
Zero Current Vout
V0G
IP =0 A
2.3
2.5
2.7
V
Primary Conductor Resistance
Rprimary
IP =2 A
─
0.5
─
mΩ
Sensitivity
△
Vout
IP= ± 2.0 A
115 135 155
mV/A
Bandwidth
BW
─
-
23
-
kHz
Measurable Current Range
MCR
Vdd=5V (DC current)
-
±14
-
A
Vdd=5V (AC RMS)
-
10
-
Temperature Drift
△
Vout
Ip =0 A
-
±1
-
mV/℃
Output Noise
VNp-p
IP =0 A
-
15
-
mV
VNp-p(0.01uF)
IP =0 A, C = 0.01 uF
-
3
-
1.All output-voltage measurements are made with a voltmeter having an input impedance of at least 100kΩ
2. Do not apply any resistor load on output pin, it will degrade IC’s performance.
Characteristic Diagrams:



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com