Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

464-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

464-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 464-SERIES
Download  464-SERIES Download
File Size   235.51 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 464 Series Edge Connector | DIN 41612

464-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
464-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 464-SERIES
Download  464-SERIES Click to download

File Size   235.51 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 464 Series Edge Connector | DIN 41612

464-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


464-SERIES Product details

Features

  • High density 64 Contacts 2 Rows Metal-to-Metal Connector on 2.54mm (.100”) Grid
  • Contact Material : Copper Alloy with selective gold plating and tin on tails :
  • CLASS 3: 2- Gold Flash Plating
  • CLASS 2: 3- 15u" of Gold Plating
  • CLASS 1: 6- 30u" of Gold Plating
  • Contact Tails: 0.7 x 0.3mm (.027” x .012”) Rectangular
  • Contact Spacing: 2.54 x 2.54mm (.100” x .100”) single or double rows;
  • or 2.54 x 5.08mm (.100” x .200”) single or double rows
  • Available in: 8, 11, 16, 22, 32, 44, and 64 positions
  • Connectors designed to meet DIN 41612-B (Female) specifications




Similar Part No. - 464-SERIES

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
464-10-202-00-580 MILL-MAX-464-10-202-00-580 Datasheet
103Kb / 1P
INTERCONNECTS Low Profile, .018??dia. Pins Single and Double Row
464-10-272-00-580 MILL-MAX-464-10-272-00-580 Datasheet
103Kb / 1P
INTERCONNECTS Low Profile, .018??dia. Pins Single and Double Row
464-90-202-00-580 MILL-MAX-464-90-202-00-580 Datasheet
103Kb / 1P
INTERCONNECTS Low Profile, .018??dia. Pins Single and Double Row
464-90-272-00-580 MILL-MAX-464-90-272-00-580 Datasheet
103Kb / 1P
INTERCONNECTS Low Profile, .018??dia. Pins Single and Double Row
More results


Similar Description - 464-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
462-SERIES EDAC-462-SERIES Datasheet
252Kb / 1P
462 Series Edge Connector | DIN 41612
493-SERIES EDAC-493-SERIES Datasheet
246Kb / 2P
493 Series Edge Connector | DIN 41612
461-108-373-121 EDAC-461-108-373-121 Datasheet
149Kb / 1P
461 Series,Edge Connector | DIN 41612
461-105-270-121 EDAC-461-105-270-121 Datasheet
149Kb / 1P
461 Series,Edge Connector | DIN 41612
461-105-640-121 EDAC-461-105-640-121 Datasheet
149Kb / 1P
461 Series,Edge Connector | DIN 41612
461-105-670-121 EDAC-461-105-670-121 Datasheet
149Kb / 1P
461 Series,Edge Connector | DIN 41612
461-108-370-121 EDAC-461-108-370-121 Datasheet
149Kb / 1P
461 Series,Edge Connector | DIN 41612
461-108-641-121 EDAC-461-108-641-121 Datasheet
149Kb / 1P
461 Series,Edge Connector | DIN 41612
461-108-681-121 EDAC-461-108-681-121 Datasheet
149Kb / 1P
461 Series,Edge Connector | DIN 41612
461-110-273-111 EDAC-461-110-273-111 Datasheet
150Kb / 1P
461 Series,Edge Connector | DIN 41612
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com