Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9063L Datasheet (PDF) - Renesas Technology Corp

DA9063L Datasheet PDF - Renesas Technology Corp
Part # DA9063L
Download  DA9063L Download
File Size   2566.65 Kbytes
Page   207 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description System PMIC for Mobile and Automotive Applications

DA9063L Datasheet (PDF)

Go To PDF Page Download Datasheet
DA9063L Datasheet PDF - Renesas Technology Corp

Part # DA9063L
Download  DA9063L Click to download

File Size   2566.65 Kbytes
Page   207 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description System PMIC for Mobile and Automotive Applications

DA9063L Datasheet (HTML) - Renesas Technology Corp


DA9063L Product details

Key Features
■ Input voltage 2.8 V to 5.5 V
■ 6 buck converters, 0.3 V to 3.34 V up to
2.5 A
□ Dual-phase mode up to 5 A
□ Merged mode up to 3 A
□ DDR VTT supply mode
□ DVS support
■ 3 MHz switching frequency allows use of
low profile 1 μH inductors
■ Integrated power switches
■ 5 LDO regulators, 0.9 V to 3.6 V up to
300 mA
□ 1 low-noise
□ 1 with DVS
□ 4 with current-limited switch option
■ I2C serial interface for system communication
and control
■ System supply monitoring
■ Junction temperature monitoring
■ Watchdog timer
■ Up to 16 flexible GPIO pins for enhanced
wakeup and peripheral control
■ RGB-LED driver (PWM) with autonomous
flashing
■ PWM vibration motor driver
■ 10-bit ADC with nine channels and
configurable alarm thresholds
■ Two package variants:
□ 100 VFBGA, 8.0 mm x 8.0 mm x 1.0 mm,
0.8 mm pitch, 0.30 mm balls
□ 100 TFBGA, 8.0 mm x 8.0 mm x 1.2 mm,
0.8 mm pitch, 0.45 mm balls
■ Programmable power manager
■ Automotive AEC-Q100 Grade 2 available
(DA9063L-A)
Applications
■ Portable industrial and medical devices
■ TV dongle
■ Supply for single-, dual- and quad-core
application processors, for example the
i.MXTM families
■ eReaders
■ Power supply for FPGAs
■ Automotive infotainment/dashboard
■ IoT devices




Similar Part No. - DA9063L

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9063L DIALOG-DA9063L Datasheet
2Mb / 173P
System PMIC for Mobile and Automotive Applications
More results


Similar Description - DA9063L

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
SC660E CYPRESS-SC660E Datasheet
56Kb / 8P
SMBus System Clock Buffer for Mobile Applications
logo
SpectraLinear Inc
SC660E SPECTRALINEAR-SC660E Datasheet
70Kb / 5P
SMBus System Clock Buffer for Mobile Applications
logo
Dialog Semiconductor
DA9063 DIALOG-DA9063 Datasheet
1Mb / 4P
System Power Management IC (PMIC) for applications
logo
Texas Instruments
TPS99110-Q1 TI1-TPS99110-Q1 Datasheet
863Kb / 63P
System-Basis Chip for Automotive Applications
logo
Dialog Semiconductor
DA9063 DIALOG-DA9063_17 Datasheet
2Mb / 219P
System PMIC for Mobile Application Processors
logo
Texas Instruments
TPS99110-Q1 TI1-TPS99110-Q1_17 Datasheet
1Mb / 67P
System-Basis Chip for Automotive Applications
logo
Dialog Semiconductor
DA9063L DIALOG-DA9063L Datasheet
2Mb / 173P
System PMIC for Mobile and Automotive Applications
logo
Rohm
BD86852MUF-C ROHM-BD86852MUF-C Datasheet
2Mb / 46P
PMIC for Automotive Camera
logo
Renesas Technology Corp
DA9063 RENESAS-DA9063 Datasheet
3Mb / 242P
System PMIC for Mobile and Automotive Applications
11-Feb-2022
logo
Richtek Technology Corp...
RTQ2071-QA RICHTEK-RTQ2071-QA Datasheet
1Mb / 31P
Automotive CIS/CCM PMIC for Ultra Compact Camera and High Image Quality System
July 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com