Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9063 Datasheet (PDF) - Renesas Technology Corp

DA9063 Datasheet PDF - Renesas Technology Corp
Part # DA9063
Download  DA9063 Download
File Size   3095.4 Kbytes
Page   242 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description System PMIC for Mobile and Automotive Applications

DA9063 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA9063 Datasheet PDF - Renesas Technology Corp

Part # DA9063
Download  DA9063 Click to download

File Size   3095.4 Kbytes
Page   242 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description System PMIC for Mobile and Automotive Applications

DA9063 Datasheet (HTML) - Renesas Technology Corp


DA9063 Product details

General Description
DA9063 is a high current system PMIC suitable for dual- and quad-core processors used in
smartphones, tablets, ultra-books, and other handheld and automotive applications that require up to
5 A core processor supply.
DA9063 contains six DC-DC buck converters designed for small external 1 µH inductors capable of
supplying in total up to 12 A continuous output (0.3 V to 3.3 V). The buck converters do not require
external Schottky diodes. They dynamically optimize their efficiency depending on the load current
using an Automatic Sleep mode. The bucks incorporate pin and s/w controlled Dynamic Voltage
Control (DVC) to support processor load adaptive adjustment of the supply voltage. One buck can
also be used in a DDR memory termination mode.
Eleven SmartMirrorTM programmable LDO regulators are incorporated, rated up to 300 mA. All
support remote capacitor placement and can support operation from a low 1.5 V/1.8 V input voltage:
this allows the linear regulators to be cascaded with a suitable buck supply to improve overall system
efficiency.
Processor core leakage can be minimized by using the integrated rail switch controller for ultra-fast
power domain isolation/reconnection while current limited switches provide support for external
peripherals such as external accessory or memory cards.
There are five distinct operating modes consuming < 20 µA including a 1.5 µA RTC mode with alarm
and wake-up. A system monitor watchdog can be enabled in ACTIVE mode.
The DA9063 provides an OTP start-up sequencing engine that offers autonomous hardware system
start-up or software controlled start-up and configurable power modes. The on key detects the button
press time and offers configurable key lock and application shutdown functions. Up to 16 freely
configurable GPIO pins can perform system functions, including: keypad supervision, application
wake-up, and timing controlled external regulator, power switch, or other IC enable.
An integrated 10-channel ADC includes advanced voltage monitoring, internal temperature
supervision, three general-purpose channels with programmable high/low thresholds, an integrated
current source for resistive measurements, and system voltage monitoring with a programmable lowvoltage warning. The ADC has 8-bit resolution in AUTO mode and 10-bit resolution in manual
conversion mode.
Three RGB-LED driver pins are provided with PWM control.
LDO8 can be configured as a 6-bit, PWM-controlled, vibration motor driver with automatic battery
voltage correction.

Key Features
■ 6 DC-DC buck converters with DVC
□ 2.5 A BuckCore1
□ 2.5 A BuckCore2
□ 2.5 A BuckPro
□ 1.5 A BuckPeri
□ 1.5 A BuckMem
□ 1.5 A BuckIO
■ 3 MHz switching frequency (±10 %) (allows
use of low profile [1 mm] 1 μH inductors)
■ 11 programmable LDO regulators:
□ 3 low noise, 4 with DVC, 5 with current
limited switch mode
■ Two rail switches
■ Power Manager with programmable
regulators, rail switch start-up, and
configurable low power modes
■ Multiple master application support via two
independent control interfaces
■ System monitor with watchdog timer
■ Up to 16 flexible GPIO pins for enhanced
wake-up and peripheral control
■ RGB-LED driver with autonomous flashing
■ PWM vibration motor driver
■ 10-bit ADC with nine channels and
configurable alarm thresholds
■ Regulator supervision with automatic under-
/over-voltage protection
■ Coin cell/super-capacitor backup charger
■ Ultra-low power, 1.5 µA RTC with alarm and
oscillator circuitry with crystal frequency
adjustment
■ -40 °C to +125 °C junction temperature
operation
■ Two package variants:
□ 100 VFBGA 8.0 mm x 8.0 mm x 1.0 mm,
0.8 mm pitch, 0.30 mm balls
□ 100 TFBGA 8.0 mm x 8.0 mm x 1.2 mm
0.8 mm pitch, 0.45 mm balls
■ Automotive AEC-Q100 Grade 2 available
(DA9063-A)




Similar Part No. - DA9063

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9063 DIALOG-DA9063 Datasheet
1Mb / 4P
System Power Management IC (PMIC) for applications
logo
Cirrus Logic
DA9063-EVAL APEX-DA9063-EVAL Datasheet
1Mb / 10P
Evaluation Kit
Rev A
logo
Dialog Semiconductor
DA9063-xxHK1 DIALOG-DA9063-xxHK1 Datasheet
2Mb / 219P
System PMIC for Mobile Application Processors
DA9063-xxHK1-A DIALOG-DA9063-xxHK1-A Datasheet
2Mb / 219P
System PMIC for Mobile Application Processors
DA9063-xxHK2 DIALOG-DA9063-xxHK2 Datasheet
2Mb / 219P
System PMIC for Mobile Application Processors
More results


Similar Description - DA9063

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
SC660E CYPRESS-SC660E Datasheet
56Kb / 8P
SMBus System Clock Buffer for Mobile Applications
logo
SpectraLinear Inc
SC660E SPECTRALINEAR-SC660E Datasheet
70Kb / 5P
SMBus System Clock Buffer for Mobile Applications
logo
Dialog Semiconductor
DA9063 DIALOG-DA9063 Datasheet
1Mb / 4P
System Power Management IC (PMIC) for applications
logo
Texas Instruments
TPS99110-Q1 TI1-TPS99110-Q1 Datasheet
863Kb / 63P
System-Basis Chip for Automotive Applications
logo
Dialog Semiconductor
DA9063 DIALOG-DA9063_17 Datasheet
2Mb / 219P
System PMIC for Mobile Application Processors
logo
Texas Instruments
TPS99110-Q1 TI1-TPS99110-Q1_17 Datasheet
1Mb / 67P
System-Basis Chip for Automotive Applications
logo
Dialog Semiconductor
DA9063L DIALOG-DA9063L Datasheet
2Mb / 173P
System PMIC for Mobile and Automotive Applications
logo
Rohm
BD86852MUF-C ROHM-BD86852MUF-C Datasheet
2Mb / 46P
PMIC for Automotive Camera
logo
Renesas Technology Corp
DA9063L RENESAS-DA9063L Datasheet
2Mb / 207P
System PMIC for Mobile and Automotive Applications
11-Feb-2022
logo
Richtek Technology Corp...
RTQ2071-QA RICHTEK-RTQ2071-QA Datasheet
1Mb / 31P
Automotive CIS/CCM PMIC for Ultra Compact Camera and High Image Quality System
July 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com